Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320TR Datasheet(PDF) 18 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 14Page - STMicroelectronics L99DZ320TR Datasheet HTML 15Page - STMicroelectronics L99DZ320TR Datasheet HTML 16Page - STMicroelectronics L99DZ320TR Datasheet HTML 17Page - STMicroelectronics L99DZ320TR Datasheet HTML 18Page - STMicroelectronics L99DZ320TR Datasheet HTML 19Page - STMicroelectronics L99DZ320TR Datasheet HTML 20Page - STMicroelectronics L99DZ320TR Datasheet HTML 21Page - STMicroelectronics L99DZ320TR Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 146 page
background image
Figure 5. Watchdog early, late and safe windows
safe trigger area
TEFWn_max
TSWn_min
TLFWn_ min
t
Early
watchdog
failure
undefined
TSWn_ max
Late
watchdog
failure
undefined
TSWn = Safe window #1..2
TEFWn = Early failure window #1..2
TLFWn = Late failure window #1..2
2.4.8
Current monitor output
The voltages are referred to ground, and currents are assumed positive, when the current flows into the pin.
6 V < VS < 28 V, 6 V < VSREG < 28 V, TJ = -40 °C to 150 °C, unless otherwise specified.
Table 14. Current monitor output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Item
VCM
Functional voltage range
0
V1-1V
V
A.040
ICMr
Current monitor output ratio:
ICM/IHB6
0V ≤ VCM ≤ V1-1V
1/9750
A.041
ICM/IHS7 (low on-resistance)
1/10000
A.191
ICM/IHB4
1/9920
A.042
ICM/IHB5
1/10300
A.192
ICM/IHS7 (high on-resistance)
1/2000
A.043
ICM/IHS8,HS9
1/1010
A.045
ICM/IHS11,HS12,HS13,HS14
1/990
A.194
ICM/IHS15, HS0
1/1000
A.195
ICM acc
Current monitor accuracy for
HB4, .., HB6, HS7, .., HS9
Ranges extracted at the output:
IHB4min = 500 mA, IHB4max = 5.9 A
-8% IHS
*ICMr_typ - 2%
FS (1)
0
8% IHS
*ICMr_typ + 2%
FS(1)
A
A.046
IHB5min = 500 mA, IHB5max = 7.4 A,
IHB6min = 500 mA, IHB6max = 2.9 A
L99DZ320
Electrical specifications
DS14235 - Rev 5
page 18/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com