Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L99DZ320TR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L99DZ320TR
Description  Automotive rear door device with CAN FD and LIN
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99DZ320TR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L99DZ320TR Datasheet HTML 2Page - STMicroelectronics L99DZ320TR Datasheet HTML 3Page - STMicroelectronics L99DZ320TR Datasheet HTML 4Page - STMicroelectronics L99DZ320TR Datasheet HTML 5Page - STMicroelectronics L99DZ320TR Datasheet HTML 6Page - STMicroelectronics L99DZ320TR Datasheet HTML 7Page - STMicroelectronics L99DZ320TR Datasheet HTML 8Page - STMicroelectronics L99DZ320TR Datasheet HTML 9Page - STMicroelectronics L99DZ320TR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 146 page
background image
Pin
Name
Function
41
CSN
SPI: chip select not input
42
TXDL
LIN transmit data input
43
RXDL/NINT
RXDL -> LIN receive data output; NINT -> indicates local/remote wake-up events
44
TXDC
CAN transmit data input
45
RXDC
CAN receive data output (push pull output stages)
46
PWMH
PWMH input: this input signal can be used to control the H-bridge gate driver
47
DIRH
Direction Input: this input controls the H-bridge drivers for the external Power MOSFETs
48
NRESET
Power GND NReset output to microcontroller; internal pull-up of typical 110 kΩ (reset state = LOW) (open drain
output stage)
49
N.C.
Not connected
50
5V_1
Voltage regulator output: 5 V supply for example microcontroller, CAN transceiver
51
CAN_SUP
CAN supply input; to allow external CAN supply from V1
52
CAN_L
CAN low level voltage I/O
53
CAN_H
CAN high level voltage I/O
54
N.C.
Not connected
55
Debug
Debug input to deactivate the window watchdog (active high). Voltage capability linked to VS
56
LIN
LIN bus line
57
5V_2
Voltage regulator output: 5 V supply for external loads (potentiometer, sensors). V2 is protected against reverse
supply
58
GL1
Gate driver for Power MOSFET low-side switch in half bridge 1
59
SH1
Source of high-side switch in half bridge 1
60
GH1
Gate driver for Power MOSFET high-side switch in half bridge 1
61
GH2
Gate driver for Power MOSFET high-side switch in half bridge 2
62
SH2
Source of high-side switch in half bridge 2
63
GL2
Gate driver for Power MOSFET low-side switch in half bridge 2
64
DIR1/EI2
DIR1 -> direct HS drive 1;
EI2 -> input pin for static or cyclic monitoring of external contacts
-
TAB
Ground connection
L99DZ320
Block diagram and pin description
DS14235 - Rev 5
page 6/146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com