Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN65DP141 Datasheet (PDF) - Texas Instruments

SN65DP141 Datasheet PDF - Texas Instruments
Part # SN65DP141
Download  SN65DP141 Download
File Size   1372.49 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65DP141 DisplayPort Linear Redriver

SN65DP141 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN65DP141 Datasheet PDF - Texas Instruments

Part # SN65DP141
Download  SN65DP141 Click to download

File Size   1372.49 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SN65DP141 DisplayPort Linear Redriver

SN65DP141 Datasheet (HTML) - Texas Instruments


SN65DP141 Product details

1 Features
• Supports VESA DisplayPort 1.4a,
2.0, and eDP 1.4
• Quad channel linear redriver supporting data rates
up to 12 Gbps including DisplayPort RBR, HBR,
HBR2, HBR3, and UHBR10
• Protocol agnostic
• Transparent to DP link training
• Position independent on the link suitable for
source, sink, and cable applications
• 15-dB analog equalization at 6 GHz
• Output linear dynamic range: 1200 mV
• Bandwidth: >20 GHz
• Better than 16-dB return loss at 6 GHz
• 2.5-V or 3.3-V ±5% single power supply option
• Low power consumption with 80 mW per channel
at 2.5 V VCC
• GPIO or I2C control

2 Applications
• Tablets
• Notebooks
• Desktops
• Docking stations

3 Description
The SN65DP141 is an asynchronous, protocolagnostic,
low latency, four-channel linear equalizer
optimized for use up to 12 Gbps and compensates
for losses due to board traces and cables.
The device is transparent to DisplayPort (DP) link
training such a way that a DP source and a sink can
perform effective link training overcoming traditional
aux snooping re-drivers’ shortcomings. Additionally,
the device is position independent. It can be placed
inside source, cable or sink effectively providing a
negative loss component to the overall link budget.
Linear equalization inside SN65DP141 also increases
link margin when used with a receiver implementing
Decision Feedback Equalization (DFE).
SN65DP141 allows independent channel control for
equalization, gain, dynamic range using both I2C and
GPIO configurations.




Similar Part No. - SN65DP141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
SN65DP141RLJR TI1-SN65DP141RLJR Datasheet
920Kb / 32P
DisplayPort Linear Redriver
SN65DP141RLJT TI1-SN65DP141RLJT Datasheet
920Kb / 32P
DisplayPort Linear Redriver
More results


Similar Description - SN65DP141

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65DP141 TI1-SN65DP141 Datasheet
920Kb / 32P
DisplayPort Linear Redriver
logo
Pericom Semiconductor C...
PI2EQXDP101-A PERICOM-PI2EQXDP101-A Datasheet
828Kb / 11P
1 to 1 DisplayPort ReDriver
logo
Texas Instruments
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TDP142 TI1-TDP142 Datasheet
866Kb / 34P
DisplayPort 8.1 Gbps Linear Redriver
TUSB1046A-DCI TI1-TUSB1046A-DCI_17 Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
logo
NXP Semiconductors
PTN3816 NXP-PTN3816 Datasheet
533Kb / 33P
DisplayPort 20Gbps 4-lane linear redriver
PTN38003A NXP-PTN38003A Datasheet
770Kb / 55P
Multi-protocol USB3.2 and DisplayPort linear redriver
Rev.2.1-8 December 2021
logo
Diodes Incorporated
PI3DPX1203 DIODES-PI3DPX1203 Datasheet
3Mb / 41P
DisplayPort 1.4 Linear ReDriver for Source, Active Cable & Sink-side Applications
Rev 2 - 2 February 2021
logo
Texas Instruments
TDP2004 TI1-TDP2004 Datasheet
1Mb / 29P
TDP2004 Four-Channel 20Gbps DisplayPort 2.1 Linear Redriver
NOVEMBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com