Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOCQP40-005-CS Datasheet (PDF) - Infinite Electronics International, Inc.

AOCQP40-005-CS Datasheet PDF - Infinite Electronics International, Inc.
Part # AOCQP40-005-CS
Download  AOCQP40-005-CS Download
File Size   840.03 Kbytes
Page   10 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Active Optical Cable QSFP 40Gbps, 1m, MSA Compatible

AOCQP40-005-CS Datasheet (PDF)

Go To PDF Page Download Datasheet
AOCQP40-005-CS Datasheet PDF - Infinite Electronics International, Inc.

Part # AOCQP40-005-CS
Download  AOCQP40-005-CS Click to download

File Size   840.03 Kbytes
Page   10 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Active Optical Cable QSFP 40Gbps, 1m, MSA Compatible

AOCQP40-005-CS Datasheet (HTML) - Infinite Electronics International, Inc.


AOCQP40-005-CS Product details

Features
• Full-Duplex 4 channel parallel active optical cable, supporting 42 Gbps links
• Up to 10.5 Gbps Data rate per channel
• Maximum link length of 100m available
• High Reliability 850nm VCSEL technology
• Electrically hot-puggable
• Electrical interface compliant to SFF-8431
• Case operating temperature range: 0°C to 70°C
• Power dissipation < 1.5W per cable end

Applications
• 40G Ethernet Data Center Intra-Rack and Inter-Rack
links
• InfiniBand QDR
• 10G Fibre Channel
• HPC Interconnections




Similar Part No. - AOCQP40-005-CS

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AOCQP40001 L-COM-AOCQP40001 Datasheet
840Kb / 10P
Active Optical Cable QSFP 40Gbps, 1m, MSA Compatible
AOCQP40001AR L-COM-AOCQP40001AR Datasheet
840Kb / 10P
Active Optical Cable QSFP 40Gbps, 1m, Arista® Compatible
AOCQP40001CS L-COM-AOCQP40001CS Datasheet
840Kb / 10P
Active Optical Cable QSFP 40Gbps, 1m, Cisco® Compatible
AOCQP40001JN L-COM-AOCQP40001JN Datasheet
840Kb / 10P
Active Optical Cable QSFP 40Gbps, 1m, Juniper® Compatible
AOCQP40003 L-COM-AOCQP40003 Datasheet
839Kb / 10P
Active Optical Cable QSFP 40Gbps, 3m, MSA Compatible
More results


Similar Description - AOCQP40-005-CS

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
40G-QSFP-QSFP-AOC-1M-C ATGBICS-40G-QSFP-QSFP-AOC-1M-C Datasheet
245Kb / 9P
40G-QSFP-QSFP-AOC-1M Brocade Compatible Active Optical Cable 40G QSFP (1m)
40GB-F01-QSFP-C ATGBICS-40GB-F01-QSFP-C Datasheet
245Kb / 9P
40GB-F01-QSFP Enterasys Compatible Active Optical Cable 40G QSFP (1m)
AOC-Q-Q-40G-1M-C ATGBICS-AOC-Q-Q-40G-1M-C Datasheet
245Kb / 9P
AOC-Q-Q-40G-1M Arista Compatible Active Optical Cable 40G QSFP (1m)
AOC-QSFP-40G-1M-C ATGBICS-AOC-QSFP-40G-1M-C Datasheet
245Kb / 9P
AOC-QSFP-40G-1M Dell Compatible Active Optical Cable 40G QSFP (1m)
CBL-401-C ATGBICS-CBL-401-C Datasheet
245Kb / 9P
CBL-401 Gigamon Compatible Active Optical Cable 40G QSFP (1m)
CBL-QSFP-40GE-1M-C ATGBICS-CBL-QSFP-40GE-1M-C Datasheet
245Kb / 9P
CBL-QSFP-40GE-1M Dell Compatible Active Optical Cable 40G QSFP (1m)
JNP-40G-AOC-1M-C ATGBICS-JNP-40G-AOC-1M-C Datasheet
245Kb / 9P
JNP-40G-AOC-1M Juniper Compatible Active Optical Cable 40G QSFP (1m)
PAN-QSFP-PLUS-AOC-1M-C ATGBICS-PAN-QSFP-PLUS-AOC-1M-C Datasheet
246Kb / 9P
PAN-QSFP-PLUS-AOC-1M Palo Alto Compatible Active Optical Cable 40G QSFP (1m)
QSFP-100G-AOC1M-C ATGBICS-QSFP-100G-AOC1M-C Datasheet
636Kb / 10P
QSFP-100G-AOC1M Cisco Compatible Active Optical Cable 100G QSFP28 (1m)
QSFP-H40G-AOC1M-C ATGBICS-QSFP-H40G-AOC1M-C Datasheet
245Kb / 9P
QSFP-H40G-AOC1M Cisco Compatible Active Optical Cable 40G QSFP (1m)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com