Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS80170C Datasheet (PDF) - STMicroelectronics

STPS80170C Datasheet PDF - STMicroelectronics
Part # STPS80170C
Download  STPS80170C Download
File Size   210.4 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 170 V power Schottky rectifier

STPS80170C Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS80170C Datasheet PDF - STMicroelectronics

Part # STPS80170C
Download  STPS80170C Click to download

File Size   210.4 Kbytes
Page   9 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 170 V power Schottky rectifier

STPS80170C Datasheet (HTML) - STMicroelectronics


STPS80170C Product details

Features
• High junction temperature capability
• Low leakage current
• Good trade off between leakage current and forward voltage drop
• Low thermal resistance
• High frequency operation
• Avalanche capability
• ECOPACK® 2 compliant




Similar Part No. - STPS80170C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS80170C STMICROELECTRONICS-STPS80170C Datasheet
95Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
16-Sep-2005
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STPS80170CW STMICROELECTRONICS-STPS80170CW Datasheet
95Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
16-Sep-2005
logo
Inchange Semiconductor ...
STPS80170CW ISC-STPS80170CW Datasheet
252Kb / 2P
Schottky Barrier Rectifier
More results


Similar Description - STPS80170C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS3170 STMICROELECTRONICS-STPS3170_V01 Datasheet
383Kb / 13P
170 V, 3 A power Schottky rectifier
October 2019
STPS2170 STMICROELECTRONICS-STPS2170_V01 Datasheet
353Kb / 12P
170 V, 2 A power Schottky rectifier
October 2019
STPS61170C-Y STMICROELECTRONICS-STPS61170C-Y Datasheet
216Kb / 9P
Automotive 170 V, dual 30 A lowdrop power Schottky rectifier
20-Nov-2019
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STPS40150C STMICROELECTRONICS-STPS40150C Datasheet
519Kb / 15P
150 V power Schottky rectifier
June 2018 Rev 2
STPS61150C STMICROELECTRONICS-STPS61150C Datasheet
404Kb / 10P
150 V power Schottky rectifier
June 2018 Rev 2
STPS6M100SF STMICROELECTRONICS-STPS6M100SF Datasheet
322Kb / 9P
100 V power Schottky rectifier
30-Jul-2018
STPS1045SF STMICROELECTRONICS-STPS1045SF Datasheet
323Kb / 9P
45 V power Schottky rectifier
DS12693 - Rev 1 - July 2018
STPS10M120SF STMICROELECTRONICS-STPS10M120SF Datasheet
324Kb / 9P
120 V power Schottky rectifier
DS12696 - Rev 2 - November 2018
STPS1230SF STMICROELECTRONICS-STPS1230SF Datasheet
322Kb / 9P
30 V power Schottky rectifier
DS12695 - Rev 1 - July 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com