Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPCWHT-L1-R250-00A01 Datasheet (PDF) - Cree LED

XPCWHT-L1-R250-00A01 Datasheet PDF - Cree LED
Part # XPCWHT-L1-R250-00A01
Download  XPCWHT-L1-R250-00A01 Download
File Size   1515.33 Kbytes
Page   17 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description Cree® XLamp® XP-C LEDs

XPCWHT-L1-R250-00A01 Datasheet (PDF)

Go To PDF Page Download Datasheet
XPCWHT-L1-R250-00A01 Datasheet PDF - Cree LED

Part # XPCWHT-L1-R250-00A01
Download  XPCWHT-L1-R250-00A01 Click to download

File Size   1515.33 Kbytes
Page   17 Pages
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED
Description Cree® XLamp® XP-C LEDs

XPCWHT-L1-R250-00A01 Datasheet (HTML) - Cree LED


XPCWHT-L1-R250-00A01 Product details

Product Description
The XLamp XP-C LED combines the proven lighting-class performance and reliability of the XLamp XR-E LED in a package with 80% smaller footprint. The XLamp XP-C LED continues Cree’s history of innovation in LEDs for lighting applications with wide viewing angle, symmetrical package, unlimited floor life and electrically neutral thermal path.
Cree XLamp LEDs bring high performance and quality of light to a wide range of lighting applications, ncluding color-changing lighting, portable and personal lighting, outdoor lighting, indoor directional lighting, commercial lighting and emergency-vehicle lighting.

Features
• Available in white (2600 K to 10,000 K CCT), royal blue, blue, green, amber, red‑orange, red
• Maximum drive current: up to 500 mA
• Low thermal resistance: as low as 10 °C/W
• Wide viewing angle: 110° – 125°
• Unlimited floor life at ≤ 30 ºC/85% RH
• Reflow solderable - JEDEC J-STD-020C compatible
• Electrically neutral thermal path
• RoHS- and REACh‑compliant
• UL‑recognized component (E349212)




Similar Part No. - XPCWHT-L1-R250-00A01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-005A9 CREE-XPCWHT-L1-0000-005A9 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPCWHT-L1-0000-005AA CREE-XPCWHT-L1-0000-005AA Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPCWHT-L1-0000-005E8 CREE-XPCWHT-L1-0000-005E8 Datasheet
2Mb / 38P
Cree® XLamp® XP Family LEDs
rev 17
XPCWHT-L1-0000-005E8 CREE-XPCWHT-L1-0000-005E8 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPCWHT-L1-0000-005F8 CREE-XPCWHT-L1-0000-005F8 Datasheet
2Mb / 38P
Cree® XLamp® XP Family LEDs
rev 17
More results


Similar Description - XPCWHT-L1-R250-00A01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results




About Cree LED


Cree LED is a product line of LED lighting products offered by Cree, Inc., a semiconductor company based in Durham, North Carolina. Cree LED lighting products include bulbs, fixtures, and chips, which are used in a variety of applications, including residential, commercial, and industrial lighting.

Cree LED lighting products are known for their high quality, energy efficiency, and long lifespan. The company's LED bulbs are designed to last up to 25 times longer than traditional incandescent bulbs, while using up to 85% less energy. Cree LED fixtures offer a range of options for different applications, including indoor and outdoor lighting, and are known for their high efficiency, superior light quality, and long lifespan.

In addition to its LED lighting products, Cree also offers a range of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as power electronics products, that are used in a variety of applications, including automotive, aerospace, and defense. Cree is committed to developing new and innovative products that meet the evolving needs of its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com