Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPCWHT-L1-R250-00A01 Datasheet(PDF) 3 Page - Cree LED

Part # XPCWHT-L1-R250-00A01
Description  Cree® XLamp® XP-C LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPCWHT-L1-R250-00A01 Datasheet(HTML) 3 Page - Cree LED

  XPCWHT-L1-R250-00A01 Datasheet HTML 1Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 2Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 3Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 4Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 5Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 6Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 7Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 8Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
3
xlAMP xP-c lEDS
fluX characteristics (t
J = 25 °c)
The following table provides several base order codes for XLamp XP-C LeDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well as
a complete description of the order-code nomenclature, please consult the Xp Family Binning and Labeling document.
color
cct range
base order codes
min luminous flux
@ 350 ma
order code
min.
max.
Group
flux (lm)
Cool White
5000 K
10,000 K
Q2
87.4
XpCWHT-L1-0000-00A01
Q3
93.9
XpCWHT-L1-0000-00B01
Q4
100
XpCWHT-L1-0000-00C01
Neutral
White
3700 K
5300 K
P3
73.9
XpCWHT-L1-0000-008E4
P4
80.6
XpCWHT-L1-0000-009E4
Q2
87.4
XpCWHT-L1-0000-00AE4
Warm
White
2600 K
3700 K
N4
62.0
XpCWHT-L1-0000-006E7
P2
67.2
XpCWHT-L1-0000-007E7
P3
73.9
XpCWHT-L1-0000-008E7
Notes:
•
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy)
measurements and ±2 on CRI measurements.
•
Typical CRI for Cool White (5000 K – 10,000 K CCT) is 70.
•
Typical CRI for Neutral White (3700 K – 5300 K CCT) is 75.
•
Typical CRI for Warm White (2600 K – 3700 K CCT) is 80.
fluX characteristics (t
J = 25 °c) - color
The following table provides several base order codes for XLamp XP-C LeDs. It is important to note that the base order
codes listed here are a subset of the total available order codes for the product family. For more order codes, as well
as a complete description of the order-code nomenclature, please consult the XLamp Xp Family Binning and Labeling
document.
color
dominant Wavelength range
base order codes min. radiant
flux @ 350 ma
calculated min. radiant
flux (mW) @ 125 ma*
order code
min.
max.
Group
dWl
(nm)
Group
dWl
(nm)
Group
flux (mW)
Royal
Blue
D3
450
D5
465
12
250
104
XPCROY-L1-0000-00701
13
300
124
XPCROY-L1-0000-00801
14
350
145
XPCROY-L1-0000-00901
* Calculated values for reference only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com