Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPCWHT-L1-R250-00A01 Datasheet(PDF) 13 Page - Cree LED

Part # XPCWHT-L1-R250-00A01
Description  Cree® XLamp® XP-C LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPCWHT-L1-R250-00A01 Datasheet(HTML) 13 Page - Cree LED

Back Button XPCWHT-L1-R250-00A01 Datasheet HTML 9Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 10Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 11Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 12Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 13Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 14Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 15Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 16Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 17Page - Cree LED  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
13
xlAMP xP-c lEDS
refloW solderinG characteristics
In testing, Cree has found XLamp Xp-C LEDs to be compatible with JEDEC J-STD-020C, using the parameters listed
below. As a general guideline, Cree recommends that users follow the recommended soldering profile provided by the
manufacturer of solder paste used.
Note that this general guideline may not apply to all pCB designs and configurations of reflow soldering equipment.
Profile Feature
lead-based solder
lead-free solder
Average Ramp-Up Rate (Ts
max to Tp)
3 °C/second max.
3 °C/second max.
preheat: Temperature Min (Ts
min)
100 °C
150 °C
preheat: Temperature Max (Ts
max)
150 °C
200 °C
preheat: Time (ts
min to tsmax)
60-120 seconds
60-180 seconds
Time Maintained Above: Temperature (T
L)
183 °C
217 °C
Time Maintained Above: Time (t
L)
60-150 seconds
60-150 seconds
peak/Classification Temperature (Tp)
215 °C
260 °C
Time Within 5 °C of Actual Peak Temperature (tp)
10-30 seconds
20-40 seconds
Ramp-Down Rate
6 °C/second max.
6 °C/second max.
Time 25 °C to Peak Temperature
6 minutes max.
8 minutes max.
Note: All temperatures refer to topside of the package, measured on the package body surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com