Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPCWHT-L1-R250-00A01 Datasheet(PDF) 11 Page - Cree LED

Part # XPCWHT-L1-R250-00A01
Description  Cree® XLamp® XP-C LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPCWHT-L1-R250-00A01 Datasheet(HTML) 11 Page - Cree LED

Back Button XPCWHT-L1-R250-00A01 Datasheet HTML 7Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 8Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 9Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 10Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 11Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 12Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 13Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 14Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 15Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered
trademarks of Cree, Inc.
11
xlAMP xP-c lEDS
thermal desiGn
The maximum forward current is determined by the thermal resistance between the LED junction and ambient. It is
crucial for the end product to be designed in a manner that minimizes the thermal resistance from the solder point to
ambient in order to optimize lamp life and optical characteristics.
White, royal blue, blue
Green
0
100
200
300
400
500
600
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Rj-a = 30°C/W
Thermal Design
XPC
Relative Intensity vs. Current (Tj = 25ºC)
GRAPH 8a
Green
0
100
200
300
400
500
600
0
50
100
150
200
Ambient Temperature (ºC)
Rj-a = 15°C/W
Rj-a = 20°C/W
Rj-a = 25°C/W
Rj-a = 30°C/W
0
100
200
300
400
500
600
0
20
40
60
80
100
120
140
160
Ambient Temperature (ºC)
Rj-a = 25°C/W
Rj-a = 30°C/W
Rj-a = 35°C/W
Rj-a = 40°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com