Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPCWHT-L1-R250-00A01 Datasheet(PDF) 1 Page - Cree LED

Part # XPCWHT-L1-R250-00A01
Description  Cree® XLamp® XP-C LEDs
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

XPCWHT-L1-R250-00A01 Datasheet(HTML) 1 Page - Cree LED

  XPCWHT-L1-R250-00A01 Datasheet HTML 1Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 2Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 3Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 4Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 5Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 6Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 7Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 8Page - Cree LED XPCWHT-L1-R250-00A01 Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Product family data sheet
cree
® Xlamp® XP-c leds
Copyright © 2008-2013 Cree, Inc. All rights reserved. The information in this document is subject to change without
notice. Cree®, the Cree logo and XLamp® are registered trademarks of Cree, Inc.
Product descriPtion
The XLamp XP-C LeD combines the
proven lighting-class performance
and
reliability
of
the
XLamp
XR-e LeD in a package with 80%
smaller footprint. The XLamp XP-C
LeD continues Cree’s history of
innovation in LeDs for lighting
applications
with
wide
viewing
angle,
symmetrical
package,
unlimited floor life and electrically
neutral thermal path.
Cree
XLamp
LeDs
bring
high
performance and quality of light to a
wide range of lighting applications,
ncluding color-changing lighting,
portable
and
personal
lighting,
outdoor lighting, indoor directional
lighting, commercial lighting and
emergency-vehicle lighting.
features
•
Available in white
(2600 K
to 10,000 K CCT),
royal blue, blue, green, amber,
red-orange, red
•
Maximum drive current: up to
500 mA
•
Low thermal resistance: as low
as 10 °C/W
•
Wide viewing angle: 110° –
125°
•
Unlimited floor life at
≤ 30 ºC/85% RH
•
Reflow solderable - JEDEC
J-STD-020C compatible
•
Electrically neutral thermal
path
•
RoHS- and REACh-compliant
•
UL-recognized component
(e349212)
table of contents
Characteristics .......................... 2
Flux Characteristics.................... 3
Relative Spectral Power
Distribution............................... 6
Relative Flux vs. Junction
Temperature ............................. 7
electrical Characteristics............. 8
Relative Flux vs. Current ............ 9
Typical Spatial Distribution.........10
Thermal Design........................11
Reflow Soldering Characteristics .13
Notes......................................14
Mechanical Dimensions..............15
Tape and Reel ..........................16
Packaging................................17
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300


Similar Part No. - XPCWHT-L1-R250-00A01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XPCWHT-L1-0000-005A9 CREE-XPCWHT-L1-0000-005A9 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPCWHT-L1-0000-005AA CREE-XPCWHT-L1-0000-005AA Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPCWHT-L1-0000-005E8 CREE-XPCWHT-L1-0000-005E8 Datasheet
2Mb / 38P
Cree® XLamp® XP Family LEDs
rev 17
XPCWHT-L1-0000-005E8 CREE-XPCWHT-L1-0000-005E8 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPCWHT-L1-0000-005F8 CREE-XPCWHT-L1-0000-005F8 Datasheet
2Mb / 38P
Cree® XLamp® XP Family LEDs
rev 17
More results

Similar Description - XPCWHT-L1-R250-00A01

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XP-E2 CREE-XP-E2 Datasheet
2Mb / 39P
Cree XLamp XP-E2 LEDs
Rev 9A
XP-G2 CREE-XP-G2 Datasheet
2Mb / 30P
Cree XLamp XP-G2 LEDs
Rev 12E
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L CREE-XP-L Datasheet
2Mb / 35P
Cree XLamp XP-L LEDs
Rev 4D
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
XLAMP-XPG3 CREE-XLAMP-XPG3 Datasheet
2Mb / 49P
XLamp® XP-G3 LEDs
REV 11
XPCWHT-L1-0000-00A01 CREE-XPCWHT-L1-0000-00A01_V01 Datasheet
1Mb / 31P
XLamp® XP-C LEDs
2008-2021
XPEWHT-L1-0000-00C01 CREE-XPEWHT-L1-0000-00C01_V01 Datasheet
2Mb / 44P
Cree® XLamp® XP-E LEDs
2008-2018
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
logo
Cree LED
XP-G3 CREELED-XP-G3 Datasheet
1Mb / 48P
XLamp® XP-G3 LEDs
REV 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com