Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC40G12-Y Datasheet (PDF) - STMicroelectronics

STPSC40G12-Y Datasheet PDF - STMicroelectronics
Part # STPSC40G12-Y
Download  STPSC40G12-Y Download
File Size   492.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1200 V, 40 A power Schottky high surge silicon carbide diode

STPSC40G12-Y Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC40G12-Y Datasheet PDF - STMicroelectronics

Part # STPSC40G12-Y
Download  STPSC40G12-Y Click to download

File Size   492.54 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 1200 V, 40 A power Schottky high surge silicon carbide diode

STPSC40G12-Y Datasheet (HTML) - STMicroelectronics


STPSC40G12-Y Product details

Features
• AEC-Q101 qualified and PPAP capable
• None or negligible reverse recovery
• Switching behavior independent of temperature
• Robust high voltage periphery
• Operating Tj from -55 °C to 175 °C
• Avalanche energy rated
• ECOPACK2 compliant component




Similar Part No. - STPSC40G12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC40G12 STMICROELECTRONICS-STPSC40G12 Datasheet
490Kb / 10P
1200 V, 40 A power Schottky high surge silicon carbide diode
08-Nov-2022
STPSC40G12WL STMICROELECTRONICS-STPSC40G12WL Datasheet
490Kb / 10P
1200 V, 40 A power Schottky high surge silicon carbide diode
08-Nov-2022
More results


Similar Description - STPSC40G12-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H12-Y STMICROELECTRONICS-STPSC10H12-Y Datasheet
534Kb / 10P
Automotive grade 1200 V power Schottky silicon carbide diode
23-Jan-2017
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
31-Aug-2020
STPSC10H12G2-TR STMICROELECTRONICS-STPSC10H12G2-TR Datasheet
375Kb / 11P
1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2-TR STMICROELECTRONICS-STPSC15H12G2-TR Datasheet
375Kb / 11P
1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
STPSC20H12G2-TR STMICROELECTRONICS-STPSC20H12G2-TR Datasheet
374Kb / 11P
1200 V, 20 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
STPSC20H12CWY STMICROELECTRONICS-STPSC20H12CWY Datasheet
257Kb / 10P
20 A 1200 V power Schottky silicon carbide diode
24-Feb-2021
logo
WOLFSPEED, INC.
C4D40120H WOLFSPEED-C4D40120H Datasheet
715Kb / 8P
4th Generation 1200 V, 40 A Silicon Carbide Schottky Diode
Rev. 1, January 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com