Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2120 Datasheet (PDF) - Texas Instruments

TAS2120 Datasheet PDF - Texas Instruments
Part # TAS2120
Download  TAS2120 Download
File Size   2299.79 Kbytes
Page   113 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost

TAS2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS2120 Datasheet PDF - Texas Instruments

Part # TAS2120
Download  TAS2120 Click to download

File Size   2299.79 Kbytes
Page   113 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost

TAS2120 Datasheet (HTML) - Texas Instruments


TAS2120 Product details

1 Features
. Powerful Class-D amplifier
. 8.2W output power (rms) @1% THD+N
. 14.75V boost with 5.1A max current limit
. Best-in-class efficiency
. Up to 91% efficiency @ 1W, 8Ω load
. 14.7mW idle channel power, noise gate off
. 5.3mW idle channel power, noise gate on
. Integrated 1.8V VDD Y-bridge
. Advanced 33mV step size class-H boost
. High performance audio channel
. 4.2μV A-wt. idle channel noise
. 114.4dB Dynamic Range
. -90dB THD+N
. Low EMI performance with ERC and SSM
. < 1μs chip to chip group delay matching
. Advanced integrated features
. Signal detection high efficiency modes
. High accuracy supply voltage monitor & temp
sensor
. Programmable battery current limit at 39mA
step size
. Boost sharing between two devices
. External Class-H Boost control algorithm
. Ease of use features
. HW pin control or I2C based control
. Internal boost or External PVDD supply
. Clock based power up/down
. Auto clock rate detection: 16 to 192kHz
. MCLK free operation
. Thermal and over current protection
. Power Supplies and user interface
. VBAT: 2.5V to 5.5V
. VBAT_SNS: 2.5V to 10.0V
. VDD: 1.65V to 1.95V
. IOVDD: 1.8V or 3.3V
. I2S/TDM: 8 channels
. 26-Pin, 0.4mm Pitch, QFN package

2 Applications
. Smart Speakers with Voice Assistance
. Bluetooth and Wireless speakers
. Building Automation
. Tablets, Wearables
. Laptop, Desktop Computers

3 Description
The TAS2120 is a mono, digital input Class-D audio
amplifier with an integrated Boost for higher power
delivery in battery-operated systems.
TAS2120 is optimized to deliver best battery life
for real-use cases of music playback and voice
calls. Advanced efficiency optimization features like
Y-bridge, and other algorithms enable the device
to produce best-in-class efficiency across all power
regions of operation. The Class-D amplifier is capable
of delivering 8.2W output power using integrated
Class-H Boost.
TAS2120 device supports look-ahead algorithm based
optimum boost voltage levels to match the output of
audio signal. This provides all the power needed for
peak output while significantly reducing the average
power consumption.
Up to four devices can share a common bus via
I2S/TDM and I2C interfaces. TAS2120 also supports
HW pin based pre-defined controls that can configure
the device for desired mode of operation without
requiring any I2C controls.




Similar Part No. - TAS2120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2120 TI-TAS2120 Datasheet
1Mb / 63P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
AUGUST 2024
More results


Similar Description - TAS2120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
Texas Instruments
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
TAS2110 TI1-TAS2110 Datasheet
1Mb / 101P
TAS2110 6.1-W Digital Input Audio Class-D Amplifier With Integrated 11-V Class-H Boost
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
logo
Texas Instruments
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com