Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2120 Datasheet (PDF) - Texas Instruments

TAS2120 Datasheet PDF - Texas Instruments
Part # TAS2120
Download  TAS2120 Download
File Size   1710.4 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost

TAS2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS2120 Datasheet PDF - Texas Instruments

Part # TAS2120
Download  TAS2120 Click to download

File Size   1710.4 Kbytes
Page   63 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost

TAS2120 Datasheet (HTML) - Texas Instruments


TAS2120 Product details

1 Features
• Powerful Class-D amplifier
– 8.2W 1% THD+N
– 14.75V boost with 5.1A max current limit
• Best in class efficiency
– Upto 90% efficiency at system level for 8Ω load
– 12.9mW idle channel power, noise gate off
– 5mW idle channel power, noise gate on
– Integrated 1.8V Y-bridge
• High performance audio channel
– 4.2μV A-wt. idle channel noise
– 114dB Dynamic Range
– -89dB THD+N
– Low EMI performance with ERC and SSM
– < 1μs chip to chip group delay matching
• Advanced integrated features
– Signal detection high efficiency modes
– High accuracy voltage monitor & temp sensor
– Programmable battery current limit at 39mA
step size
• Ease of use features
– Hardware pin control or I2C control
– 1S battery, 2S battery, External PVDD (3S
battery) supply
– Clock based power up/down
– Auto clock rate detection: 16 to 192kHz
– MCLK free operation
– Thermal and over current protection
• Power Supplies and user interface
– VBAT: 2.5V to 5.5V
– VDD: 1.65V to 1.95V
– IOVDD: 1.8V or 3.3V
– VBAT_SNS: 2.5V to 10.0V
– I2S/TDM: 8 channels
– HW pin control or I2C based control
• 26-Pin, 0.4mm Pitch, QFN package

2 Applications
• Smart Speakers with Voice Assistance
• Bluetooth and Wireless speakers
• Tablets, Wearables
• Laptop, Desktop Computers

3 Description
The TAS2120 is a mono, digital input Class-D audio
amplifier with an integrated Boost for higher power
delivery in battery-operated systems.
Device is optimized to deliver best battery life
for real-use cases of music playback and voice
calls. Advanced efficiency optimization features like
Y-bridge, and algorithms enable the device to produce
best-in-class efficiency across all power regions
of operation. The Class-D amplifier is capable of
delivering 8.2W output power using integrated Class-
H Boost.
TAS2120 device supports look-ahead algorithm based
optimum boost voltage levels to match the output of
audio signal. This provides all the power needed for
peak output while significantly reducing the average
power consumption.
Up to four devices can share a common bus via
I2S/TDM + I2C interfaces. The device also supports
five HW Control pins that can configure the device for
the desired mode of operation.




Similar Part No. - TAS2120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS2120 TI2-TAS2120 Datasheet
2Mb / 113P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
REVISED AUGUST 2025
TAS2120RBGR TI2-TAS2120RBGR Datasheet
2Mb / 113P
TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
REVISED AUGUST 2025
More results


Similar Description - TAS2120

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
Texas Instruments
TAS2555 TI-TAS2555_15 Datasheet
857Kb / 12P
TAS2555 5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2557 TI1-TAS2557 Datasheet
3Mb / 110P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense
TAS2559 TI1-TAS2559 Datasheet
3Mb / 107P
5.7-W Class-D Mono Audio Amplifier with Class-H Boost and Speaker Sense with Stereo Processing
TAS2110 TI1-TAS2110 Datasheet
1Mb / 101P
TAS2110 6.1-W Digital Input Audio Class-D Amplifier With Integrated 11-V Class-H Boost
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
logo
Texas Instruments
TAS2780 TI-TAS2780 Datasheet
3Mb / 96P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
SLOSE75 ??NOVEMBER 2021
TAS2780 TI-TAS2780_V01 Datasheet
2Mb / 97P
TAS2780 Digital Input Mono Class-D Audio Amplifier With Speaker IV Sense
REVISED JUNE 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com