Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2120 Datasheet(PDF) 3 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2120 Datasheet HTML 1Page - Texas Instruments TAS2120 Datasheet HTML 2Page - Texas Instruments TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
Pin Functions
PIN
Type(1)
DESCRIPTION
NAME
NO.
BGND
12
P
Boost ground. Connect to PCB GND plane strongly with multiple vias.
DREG
26
P
Digital core voltage regulator output. Bypass to GND with a capacitor. Do not connect to an
external load.
FSYNC
8
I
I2S word clock or TDM frame sync.
GREG
17
P
High-side gate CP regulator output. Do not connect to an external load.
GND
22, 23, 25
P
Connect to PCB GND plane. Strong connection to ground plane required through multiple
vias.
IOVDD
5
P
1.8V or 3.3V Digital IO supply. Decouple to GND with capacitor.
IRQZ
6
O
Open drain, active low interrupt pin. Pull up to IOVDD with resistor if optional internal
pullup is not used.
OUT_N
19
O
Class-D negative output.
OUT_P
20
O
Class-D positive output.
PGND
21
P
Class-D Power stage ground. Connect to PCB GND plane strongly through multiple vias.
PVDD
18
P
Integrated boost output and Class-D power stage supply.
SBCLK
9
I
I2S/TDM serial bit clock.
SDIN
10
I
I2S or TDM serial data input.
SDOUT
11
I/O
I2S or TDM serial data output.
SDZ
7
I
Active low hardware shutdown.
SEL1
16
I
HW Mode: Select 1 Pin. Amplifier gain level selection with volume ramp enable and
disable options.
I2C Mode: Short to GND for I2C mode selection.
SEL2_SCL
4
I
HW Mode: Select 2 Pin. I2S, TDM, Left justified selection.
I2C Mode: Clock Pin. Pull up to IOVDD with a resistor.
SEL3_SDA
3
I/O
HW Mode: Select 3 Pin. Data valid rising edge and falling edge selection.
I2C Mode: Data Pin. Pull up to IOVDD with a resistor.
SEL4_ADDR
2
I
HW Mode: Select 4 Pin.Y-bridge threshold configuration setting.
I2C Mode: I2C address pin.
SEL5
1
I/O
HW Mode: Select5 Pin. Boost 1S, 2S, External PVDD mode selection.
SW
13
P
Boost converter switch input.
VBAT
15
P
Battery power supply input. Connect to a 2.5 to 5.5V supply and decouple with a capacitor.
VBAT_SNS
14
I
Battery sense terminal. Connect to 1S or 2S battery supply for remote battery sensing.
Ground the pin if remote sensing is not used.
VDD
24
P
Connect to 1.8V supply and decouple to GND with capacitor.
(1)
I = Input, O = Output, I/O = Input or Output, G = Ground, P = Power.
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com