Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2120 Datasheet(PDF) 39 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 35Page - Texas Instruments TAS2120 Datasheet HTML 36Page - Texas Instruments TAS2120 Datasheet HTML 37Page - Texas Instruments TAS2120 Datasheet HTML 38Page - Texas Instruments TAS2120 Datasheet HTML 39Page - Texas Instruments TAS2120 Datasheet HTML 40Page - Texas Instruments TAS2120 Datasheet HTML 41Page - Texas Instruments TAS2120 Datasheet HTML 42Page - Texas Instruments TAS2120 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Table 6-42. Clock Error detection control (continued)
CLK_ERR_PWR_EN
Setting
1
Enabled (default)
Table 6-43. Clock Halt Timer
CLK_HALT_TIMER[2:0]
Setting
000
Disabled (infinite time).
001
0.8 ms (default)
010
3.2 ms
011
34.1 ms
100
68.3 ms
101
256 ms
110
768 ms
111
1.3 s
Table 6-44. Clock error type description
Clock error type
Description
Status flag register
bit
IRQZ generation
Mask bit
Clock error
Clock error for any internal or external clocking
configuration errors. This bit will be set along with specific
clock errors detected in the rest of the table below except
for Pre-Power-up Clock errors.
INT_LTCH2[3]
INT_MASK2[3]
Pre-Power-up Clock error
Clock error detected during shutdown mode after clock
error is detected at end of CLK_HALT_TIMER.
INT_LTCH4[2]
INT_MASK4[2]
Clock ratio change error
Clock error detected due to on the fly change in FSYNC to
SBCLK ratio.
INT_LTCH2[2]
INT_MASK2[2]
Fs change error
Clock error detected due to on the fly change in FSYNC
clock frequency
INT_LTCH2[1]
INT_MASK2[1]
Fs invalid error
Clock error detected due to incorrect FSYNC clock
frequency
INT_LTCH2[0]
INT_MASK2[0]
Frame out of sync
Clock error detected due to Frame out of sync
INT_LTCH2[5]
INT_MASK2[5]
Internal PLL Clock error
Clock error detected due to internally generated clock
frequency error.
INT_LTCH2[4]
INT_MASK2[4]
The device also has a digital watchdog timer which monitors for errors in the internal digital state machine and
shuts down the device on detection of such errors. This error can also raise an interrupt on IRQZ pin and flag to
the host device of the error state.
6.4.8 Digital IO pins
TAS2120 supports 1.8V and 3.3V IO voltage supply based on the voltage applied on the IOVDD pin.
I2S digital input pin has an optional weak pull down to prevent the pin from floating. Pull downs are not enabled
during HW shutdown. The pull downs are disabled by default and can be enabled by setting the corresponding
Pull down enable bit high.
Table 6-45. Digital pin weak pull down
Pin Name
Pull down control register
name
SDOUT
SDOUT_PD_EN
SDIN
SDIN_PD_EN
FSYNC
FSYNC_PD_EN
SBCLK
SBCLK_PD_EN
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com