Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2120 Datasheet(PDF) 42 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 42 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 38Page - Texas Instruments TAS2120 Datasheet HTML 39Page - Texas Instruments TAS2120 Datasheet HTML 40Page - Texas Instruments TAS2120 Datasheet HTML 41Page - Texas Instruments TAS2120 Datasheet HTML 42Page - Texas Instruments TAS2120 Datasheet HTML 43Page - Texas Instruments TAS2120 Datasheet HTML 44Page - Texas Instruments TAS2120 Datasheet HTML 45Page - Texas Instruments TAS2120 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 63 page
background image
There is no limit on the number of bytes that can be transmitted between start and stop conditions. When the last
word transfers, the controller device generates a stop condition to release the bus. Figure 6-10 shows a generic
data transfer sequence.
Register(N)
8-BitDatafor
8-BitDatafor
Register(N+1)
Figure 6-10. Typical I2C Sequence
In the system, use external pullup resistors for the SDA and SCL signals to set the logic high level for the bus.
The SDA and SCL voltages must not exceed the device supply voltage, IOVDD.
6.5.4 I2C Single-Byte and Multiple-Byte Transfers
The device I2C interface supports both single-byte and multiple-byte read/write operations for all registers.
During multiple-byte read operations, the device responds with data, a byte at a time, starting at the register
assigned, as long as the controller device continues to respond with acknowledges.
The device supports sequential I2C addressing. For write transactions, if a register is issued followed by data
for that register and all the remaining registers that follow, a sequential I2C write transaction takes place. For
I2C sequential write transactions, the register issued then serves as the starting point, and the amount of data
subsequently transmitted, before a stop or start is transmitted, determines how many registers are written.
6.5.5 I2C Single-Byte Write
As shown in Figure 6-11, a single-byte data write transfer begins with the controller device transmitting a start
condition followed by the I2C device address and the read/write bit. The read/write bit determines the direction
of the data transfer. For a write-data transfer, the read/write bit must be set to 0. After receiving the correct I2C
target address and the read/write bit, the device responds with an acknowledge bit (ACK). Next, the controller
device transmits the register byte corresponding to the device internal register address being accessed. After
receiving the register byte, the device again responds with an acknowledge bit (ACK). Then, the controller
transmits the byte of data to be written to the specified register. When finished, the target device responds with
an acknowledge bit (ACK). Finally, the controller device transmits a stop condition to complete the single-byte
data write transfer.
A6
A5
A4
A3
A2
A1
A0
R/W ACK A7
A6
A5
A4
A3
A2
A1
A0 ACK
D7
D6
D5
D4
D3
D2
D1
D0
ACK
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
Acknowledge
I2CDeviceAddressand
Read/WriteBit
Register
DataByte
Figure 6-11. I2C Single-Byte Write Transfer
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
42
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com