Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2120 Datasheet(PDF) 24 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments TAS2120 Datasheet HTML 23Page - Texas Instruments TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments TAS2120 Datasheet HTML 26Page - Texas Instruments TAS2120 Datasheet HTML 27Page - Texas Instruments TAS2120 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
Table 6-15. Faults and Interrupts
Category
Interrupt
Interrupt Mask register
bit
Default Mask status
Interrupt Latched status
bit
Limiter & Brown out
protection
Section 6.4.2.4
Brownout detected
INT_MASK0[3]
Not Masked
INT_LTCH0[3]
BOP Active
INT_MASK0[2]
Not Masked
INT_LTCH0[2]
BOP infinite hold
INT_MASK0[7]
Not Masked
INT_LTCH0[7]
Limiter Active
INT_MASK0[4]
Not Masked
INT_LTCH0[4]
Limiter attenuation
INT_MASK0[6]
Not Masked
INT_LTCH0[6]
Supply below inflection
point
INT_MASK0[5]
Not Masked
INT_LTCH0[5]
Supply Voltage Monitors
Section 6.4.5
PVDD Over voltage
INT_MASK3[2]
Not Masked
INT_LTCH3[2]
PVDD Under voltage
INT_MASK1[7]
Not Masked
INT_LTCH1[7]
VBAT2S supply under
voltage
INT_MASK1[6]
Not Masked
INT_LTCH1[6]
VBAT supply under
voltage
INT_MASK4[7]
Not Masked
INT_LTCH4[7]
Thermal protection
Section 6.4.6
Thermal warning at 135C
INT_MASK1[4]
Masked
INT_LTCH1[4]
Thermal warning at 125C
INT_MASK1[3]
Masked
INT_LTCH1[3]
Thermal warning at 115C
INT_MASK1[2]
Masked
INT_LTCH1[2]
Thermal warning at 105C
INT_MASK1[1]
Masked
INT_LTCH1[1]
Over temperature error
INT_MASK3[7]
Not Masked
INT_LTCH3[7]
Clock protection
Section 6.4.7.1
Clock error
INT_MASK2[3]
Not Masked
INT_LTCH2[3]
Pre-Power-up Clock error
INT_MASK4[2]
Not Masked
INT_LTCH4[2]
Clock ratio change error
INT_MASK2[2]
Not Masked
INT_LTCH2[2]
Fs change error
INT_MASK2[1]
Not Masked
INT_LTCH2[1]
Fs invalid error
INT_MASK2[0]
Not Masked
INT_LTCH2[0]
Frame out of sync
INT_MASK2[5]
Not Masked
INT_LTCH2[5]
Internal PLL Clock error
INT_MASK2[4]
Not Masked
INT_LTCH2[4]
Digital watchdog
INT_MASK2[7]
Not Masked
INT_LTCH2[7]
Other Protections & Status
Class-D Over current error
INT_MASK3[3]
Not Masked
INT_LTCH3[3]
Device Active
INT_MASK0[1]
Masked
INT_LTCH0[1]
6.3.2.1 Interrupt generation and clearing
The IRQZ is an open drain output that asserts low during unmasked fault conditions and therefore must be
pulled up with a resistor to IOVDD. An internal pull up resistor (18kΩ) is provided in the device and can be
assessed by setting the IRQZ_PU register bit.
The interrupt generation on IRQZ pin can be configured using IRQZ_PIN_CFG[1:0] register. For the interrupts
that have auto retry feature, the retry timer can be configured using RETRY_WAIT_TIME register. The interrupt
pin polarity can be changed from the default case of Active Low to Active high by setting the IRQZ_POL register
bit high.
Any latched interrupt can be cleared by setting INT_CLR_LTCH bit high. This is self clearing bit and
automatically gets updated to low once the interrupt is cleared. Interrupts can also be cleared by hardware
shutdown by pulling the SDZ pin low, or by software reset using SW_RESET bit.
Table 6-16. IRQZ pin configuration
IRQZ_PIN_CFG[1:0]
Configuration
00
Reserved
01(default)
Interrupt generated on any
unmasked latched interrupt
10
Reserved
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
24
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com