Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2120 Datasheet(PDF) 13 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 9Page - Texas Instruments TAS2120 Datasheet HTML 10Page - Texas Instruments TAS2120 Datasheet HTML 11Page - Texas Instruments TAS2120 Datasheet HTML 12Page - Texas Instruments TAS2120 Datasheet HTML 13Page - Texas Instruments TAS2120 Datasheet HTML 14Page - Texas Instruments TAS2120 Datasheet HTML 15Page - Texas Instruments TAS2120 Datasheet HTML 16Page - Texas Instruments TAS2120 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
5.5 Electrical Characteristics (continued)
TA = 25 °C, VBAT = 3.6 V, VBAT2S = 7.2V (2S mode enabled), PVDD = 12 V ( External PVDD mode enabled), VDD = 1.8
V, IOVDD = 1.8V RL = 8Ω + 33µH, LBOOST = 1µH, fin = 1 kHz, fs = 48 kHz, Gain = 21dBV, BST_ILIM (1S battery) = 5.1A,
BST_ILIM (2S battery, HW mode)=4.1A, BST_ILIM (2S battery, I2C mode)=5.1A, SDZ = 1, Noise gate disabled, Measured
filter free with an Audio Precision using 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOL(IRQZ)
Low-level digital output voltage for open
drain output
IRQZ pin; IOL = -1mA
0.2
V
IIH
Input logic-high leakage for digital inputs
All digital pins; Input = IOVDD.
-1
1
µA
IIL
Input logic-low leakage for digital inputs
All digital pins; Input = GND
-1
1
µA
CIN
Input capacitance for digital inputs
All digital pins
5
pF
RPD
Pull down resistance for digital input/IO
pins when asserted on
All digital pins. Pull down resistance
option enabled
18
kΩ
5.6 Timing Requirements
TA = 25 °C, VDD = IOVDD = 1.8 V (unless other wise noted)
MIN
NOM
MAX
UNIT
I2C - Standard-Mode
fSCL
SCL clock frequency
0
100
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock
pulse is generated.
4
μs
tLOW
LOW period of the SCL clock
4.7
μs
tHIGH
HIGH period of the SCL clock
4
μs
tSU;STA
Setup time for a repeated START condition
4.7
μs
tHD;DAT
Data hold time: For I2C bus devices
0
3.45
μs
tSU;DAT
Data set-up time
250
ns
tr
SDA and SCL rise time
1000
ns
tf
SDA and SCL fall time
300
ns
tSU;STO
Set-up time for STOP condition
4
μs
tBUF
Bus free time between a STOP and START condition
4.7
μs
Cb
Capacitive load for each bus line
400
pF
I2C - Fast-Mode
fSCL
SCL clock frequency
0
400
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock
pulse is generated.
0.6
μs
tLOW
LOW period of the SCL clock
1.3
μs
tHIGH
HIGH period of the SCL clock
0.6
μs
tSU;STA
Setup time for a repeated START condition
0.6
μs
tHD;DAT
Data hold time: For I2C bus devices
0
0.9
μs
tSU;DAT
Data set-up time
100
ns
tr
SDA and SCL rise time
20 + 0.1 ×
Cb
300
ns
tf
SDA and SCL fall time
20 + 0.1 ×
Cb
300
ns
tSU;STO
Set-up time for STOP condition
0.6
μs
tBUF
Bus free time between a STOP and START condition
1.3
μs
Cb
Capacitive load for each bus line
400
pF
I2C - Fast-Mode Plus
TDM Port
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com