Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2120 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 2 Page - Texas Instruments

  TAS2120 Datasheet HTML 1Page - Texas Instruments TAS2120 Datasheet HTML 2Page - Texas Instruments TAS2120 Datasheet HTML 3Page - Texas Instruments TAS2120 Datasheet HTML 4Page - Texas Instruments TAS2120 Datasheet HTML 5Page - Texas Instruments TAS2120 Datasheet HTML 6Page - Texas Instruments TAS2120 Datasheet HTML 7Page - Texas Instruments TAS2120 Datasheet HTML 8Page - Texas Instruments TAS2120 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................2
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 ESD Ratings............................................................... 4
5.3 Recommended Operating Conditions.........................4
5.4 Thermal Information....................................................5
5.5 Electrical Characteristics.............................................5
5.6 Timing Requirements................................................13
5.7 Typical Characteristics.............................................. 14
6 Detailed Description......................................................17
6.1 Overview................................................................... 17
6.2 Functional Block Diagram......................................... 17
6.3 Device Functional Modes..........................................17
6.4 Feature Description...................................................25
6.5 Programming............................................................ 40
7 Application and Implementation.................................. 44
7.1 Application Information............................................. 44
7.2 Typical Application.................................................... 44
8 Power Supply Recommendations................................52
9 Layout.............................................................................53
9.1 Layout Guidelines..................................................... 53
9.2 Layout Example........................................................ 54
10 Device and Documentation Support..........................54
10.1 Documentation Support.......................................... 55
10.2 Receiving Notification of Documentation Updates..55
10.3 Support Resources................................................. 55
10.4 Trademarks.............................................................55
10.5 Electrostatic Discharge Caution..............................55
10.6 Glossary..................................................................55
11 Revision History.......................................................... 55
12 Mechanical, Packaging, and Orderable
Information.................................................................... 55
12.1 Package Option Addendum.................................... 56
12.2 Tape and Reel Information......................................57
4 Pin Configuration and Functions
8
FSYNC
DREG
GND
VDD
GND
GND
SEL5
SBCLK
SDIN
SDOUT
BGND
SW
VBAT_SNS
9
10
12
13
11
14
PGND
1
26
25
23
22
24
21
15
16
17
18
19
20
7
6
5
4
3
2
Figure 4-1. QFN Package Bottom View
TAS2120
SLASFC6 – AUGUST 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com