Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2120 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS2120
Description  TAS2120 8.2W Mono Digital Input Class-D Speaker Amp with Integrated 14.75V Class- H Boost
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS2120 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS2120 Datasheet HTML 17Page - Texas Instruments TAS2120 Datasheet HTML 18Page - Texas Instruments TAS2120 Datasheet HTML 19Page - Texas Instruments TAS2120 Datasheet HTML 20Page - Texas Instruments TAS2120 Datasheet HTML 21Page - Texas Instruments TAS2120 Datasheet HTML 22Page - Texas Instruments TAS2120 Datasheet HTML 23Page - Texas Instruments TAS2120 Datasheet HTML 24Page - Texas Instruments TAS2120 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 63 page
background image
Table 6-8. Noise gate threshold
NG_TH_LVL[2:0]
Configuration
000
-85 dBFs
001
-90 dBFs
010
-95 dBFs
011
-100 dBFs
100 (default)
-105 dBFs
101
-110 dBFs
110
-115 dBFs
111
-120 dBFs
Table 6-9. Noise gate hysteresis timer
NG_HYST_TIMER[1:0]
Configuration
00
10 ms
01 (default)
50 ms
10
100 ms
11
1000 ms
6.3.1.4.2 Music Efficiency Mode
When the Music efficiency mode feature is enabled, the device automatically detects low-power signal states
during active playback mode and reduces the overall IQ power consumption to extend the battery life. This
feature is useful for dynamic audio signals with varying signal levels for example music tracks, voice calls movie
tracks, and so forth.
The device monitors the input audio signal level against the programmed Music efficiency threshold configured
by the MUSIC_EFF_MODE_THR[23:0] register. When the audio signal falls below the threshold, an internal
hysteresis timer is enabled. If the signal level remains below the configured MUSIC_EFF_MODE_THR[23:0] for
the entire duration of the MUSIC_EFF_MODE_TIMER[23:0], the device enters into the Music efficiency mode.
When the device is in Music efficiency mode, the MUSIC_EFF_STATUS bit is set as high and when the device
comes out of music efficiency mode, the status bit is set low.
When the signal level increases above the MUSIC_EFF_MODE_THR[23:0], the device automatically wakes up
the blocks in low IQ mode and continues playing out the audio input signals. The transition from Music efficiency
mode to normal operation occurs with minimal click and pop. While the device is in Music efficiency mode, the
audio channel performance is maintained and doesn't impact the output signal level or noise.
The MUSIC_EFF_MODE_THR[23:0] and MUSIC_EFF_MODE_TIMER[23:0] registers can be configured using
the PPC3 Software Section 6.4.1.
6.3.1.4.3 VDD Y-bridge
TAS2120 uses a Y-bridge output stage for switching the class-D output PWM voltage between the VDD
and PVDD supply. When the feature is enabled using EN_Y_BRIDGE_MODE set to high, the device will
automatically select the output voltage to switch the output PWM at. When the signal level is low, the output will
switch at VDD to enable higher system-level efficiency by reducing the class-D output switching voltage. When
the signal level is high, the output switches on the PVDD voltage rail set by the integrated Boost, or external
PVDD in the external PVDD mode of operation.
The device monitors the input audio signal level against the programmed Y-bridge mode threshold configured
by VDD_MODE_THR_LVL[23:0] register. When the audio signal falls below the threshold, an internal hysteresis
timer is enabled. If the signal level remains below the configured YBRIDGE_HYST_TIMER[1:0] for the entire
duration of the selected time, the device enters into the lower voltage VDD supply-based PWM switching mode.
www.ti.com
TAS2120
SLASFC6 – AUGUST 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TAS2120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com