Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2521 Datasheet (PDF) - Texas Instruments

TAS2521 Datasheet PDF - Texas Instruments
Part # TAS2521
Download  TAS2521 Download
File Size   1997.54 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier

TAS2521 Datasheet (PDF)

Go To PDF Page Download Datasheet
TAS2521 Datasheet PDF - Texas Instruments

Part # TAS2521
Download  TAS2521 Click to download

File Size   1997.54 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier

TAS2521 Datasheet (HTML) - Texas Instruments


TAS2521 Product details

1.1 Features
1
. Digital Input Mono Speaker Amp
. Instruction-Programmable Embedded miniDSP
. Supports 8-kHz to 192-kHz Sample Rates
. Mono Class-D BTL Speaker Driver (2 W Into
4 Ω or 1.7 W Into 8 Ω)
. Mono Headphone Driver
. Two Single-Ended Inputs With Output Mixing
and Level Control
. Embedded Power-on-Reset
. Integrated LDO
. Built-in Digital Audio Processing Blocks With
User-Programmable Biquad Filters
. Integrated PLL Used for Programmable Digital
Audio Processor
. I2S, Left-Justified, Right-Justified, DSP, and
TDM Audio Interfaces
. I2C and SPI control with auto-increment
. Full Power-Down Control
. Power Supplies: multi.
Analog: 1.5 V.1.95 V
. Digital Core: 1.65 V.1.95 V high.
Digital I/O: 1.1 V.3.6 V
. Class-D: 2.7 V.5.5 V (SPKVDD ≥ AVDD)
. 24-Pin QFN Package (4mm × 4mm)

1.2 Applications
. Portable Audio Devices
. White goods
. Portable Navigation Devices

1.3 Description
The TAS2521 is a low power digital input speaker
amp with support for 24-bit digital I2S data mono
playback.
In addition to driving a speaker amp upto 4-Ω, the
device also features a mono headphone driver and a
fully programmable miniDSP for signal processing.
The digital audio data format is programmable to
work with popular audio standard protocols (I2S,
left/right-justified) in master, slave, DSP and TDM
modes. The fully programmable miniDSP can support
several functions such equalization for audio, multi.
band DRC, tone generation and several other user
defined functions. An on-chip PLL provides the high.
speed clock needed by the digital signal-processing
block. The volume level can be controlled by register
control. The audio functions are controlled using the
I2C™ serial bus or SPI bus. The device includes an
on-board LDO that runs off the speaker power supply
to handle all internal device analog and digital power
needs. The included POR as power-on-resetcircuit
reliably resets the device into its default state so no
external reset is required at normal usage; however,
the device does have a reset pin for more complex
system initialization needs. The device also includes
two analog inputs for mixing and muxing in both
speaker and headphone analog paths.




Similar Part No. - TAS2521

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
TAS2521IRGER TAOS-TAS2521IRGER Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
TAS2521IRGET TAOS-TAS2521IRGET Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
More results


Similar Description - TAS2521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Texas Instruments
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com