Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2521 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS2521
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2521 Datasheet(HTML) 1 Page - Texas Instruments

  TAS2521 Datasheet HTML 1Page - Texas Instruments TAS2521 Datasheet HTML 2Page - Texas Instruments TAS2521 Datasheet HTML 3Page - Texas Instruments TAS2521 Datasheet HTML 4Page - Texas Instruments TAS2521 Datasheet HTML 5Page - Texas Instruments TAS2521 Datasheet HTML 6Page - Texas Instruments TAS2521 Datasheet HTML 7Page - Texas Instruments TAS2521 Datasheet HTML 8Page - Texas Instruments TAS2521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
TAS2521
www.ti.com
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone
amplifier
Check for Samples: TAS2521
1
INTRODUCTION
1.1
Features
1
• Digital Input Mono Speaker Amp
1.2
Applications
• Instruction-Programmable Embedded miniDSP
•
Portable Audio Devices
• Supports 8-kHz to 192-kHz Sample Rates
•
White goods
• Mono Class-D BTL Speaker Driver (2 W Into
•
Portable Navigation Devices
4
Ω or 1.7 W Into 8 Ω)
• Mono Headphone Driver
1.3
Description
• Two Single-Ended Inputs With Output Mixing
and Level Control
The TAS2521 is a low power digital input speaker
• Embedded Power-on-Reset
amp with support for 24-bit digital I2S data mono
• Integrated LDO
playback.
• Built-in Digital Audio Processing Blocks With
In addition to driving a speaker amp upto 4-
Ω, the
User-Programmable Biquad Filters
device also features a mono headphone driver and a
• Integrated PLL Used for Programmable Digital
fully programmable miniDSP for signal processing.
Audio Processor
The digital audio data format is programmable to
• I2S, Left-Justified, Right-Justified, DSP, and
work with popular audio standard protocols (I2S,
TDM Audio Interfaces
left/right-justified) in master, slave, DSP and TDM
• I2C and SPI control with auto-increment
modes. The fully programmable miniDSP can support
• Full Power-Down Control
several functions such equalization for audio, multi-
• Power Supplies:
band DRC, tone generation and several other user
– Analog: 1.5 V–1.95 V
defined functions. An on-chip PLL provides the high-
– Digital Core: 1.65 V–1.95 V
speed clock needed by the digital signal-processing
– Digital I/O: 1.1 V–3.6 V
block. The volume level can be controlled by register
– Class-D: 2.7 V–5.5 V (SPKVDD
≥ AVDD)
control. The audio functions are controlled using the
• 24-Pin QFN Package (4mm × 4mm)
I2C™ serial bus or SPI bus. The device includes an
on-board LDO that runs off the speaker power supply
to handle all internal device analog and digital power
needs. The included POR as power-on-resetcircuit
reliably resets the device into its default state so no
external reset is required at normal usage; however,
the device does have a reset pin for more complex
system initialization needs. The device also includes
two analog inputs for mixing and muxing in both
speaker and headphone analog paths.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2013, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - TAS2521

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
TAS2521IRGER TAOS-TAS2521IRGER Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
TAS2521IRGET TAOS-TAS2521IRGET Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
More results

Similar Description - TAS2521

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
logo
Texas Instruments
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Texas Instruments
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3120 TI1-TLV320AIC3120_16 Datasheet
3Mb / 160P
TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com