Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS2521 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS2521
Description  Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TAS2521 Datasheet(HTML) 2 Page - Texas Instruments

  TAS2521 Datasheet HTML 1Page - Texas Instruments TAS2521 Datasheet HTML 2Page - Texas Instruments TAS2521 Datasheet HTML 3Page - Texas Instruments TAS2521 Datasheet HTML 4Page - Texas Instruments TAS2521 Datasheet HTML 5Page - Texas Instruments TAS2521 Datasheet HTML 6Page - Texas Instruments TAS2521 Datasheet HTML 7Page - Texas Instruments TAS2521 Datasheet HTML 8Page - Texas Instruments TAS2521 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
SPKVSS
AVSS
DVSS
AINL
AINR
SPKP
SPKM
HPOUT
RST
SPI_SEL
6
6
SPKVDD
AVDD
LDO_SEL
DAC Signal
Proc.
SPI/I
2C
Control Block
PLL
Interrupt
Control
Primary I
2S
Interface
Pin Muxing / Clock Routing
LDO
POR
Mono 6
' DAC
DVDD
IOVDD
Secondary I
2S
Interface
Dig
Vol
miniDSP
6 dB to +24 dB
(6 dB steps)
-6 dB to +29 dB
and Mute
(1 dB steps)
0 dB to -78 dB
and Mute
(Min 0.5 dB steps)
0 dB to -78 dB and Mute
(Min 0.5 dB steps)
0 dB to -78 dB
and Mute
(Min 0.5 dB steps)
TAS2521
SLAS687A – FEBRUARY 2013 – REVISED FEBRUARY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Figure 1-1. Simplified Block Diagram
NOTE
This data manual is designed using PDF document-viewing features that allow quick access
to information. For example, performing a global search on "page 0 / register 27" produces
all references to this page and register in a list. This makes is easy to traverse the list and
find all information related to a page and register. Note that the search string must be of the
indicated format. Also, this document includes document hyperlinks to allow the user to
quickly find a document reference. To come back to the original page, click the green left
arrow near the PDF page number at the bottom of the file. The hot-key for this function is alt-
left arrow on the keyboard. Another way to find information quickly is to use the PDF
bookmarks.
2
INTRODUCTION
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TAS2521



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com