Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV379 Datasheet (PDF) - Texas Instruments

TLV379 Datasheet PDF - Texas Instruments
Part # TLV379
Download  TLV379 Download
File Size   1190.59 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx379 Cost-Optimized, Low-Voltage, 4-μA, Rail-to-Rail I/O Operational Amplifiers

TLV379 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV379 Datasheet PDF - Texas Instruments

Part # TLV379
Download  TLV379 Click to download

File Size   1190.59 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TLVx379 Cost-Optimized, Low-Voltage, 4-μA, Rail-to-Rail I/O Operational Amplifiers

TLV379 Datasheet (HTML) - Texas Instruments


TLV379 Product details

1 Features
1. Cost-Optimized Precision Amplifiers
. microPower: 4 μA (Typical)
. Low Offset Voltage: 0.8 mV (Typical)
. Rail-to-Rail Input and Output
. Unity-Gain Stable
. Wide Supply Voltage Range: 1.8 V to 5.5 V
. microSize Packages:
. 5-Pin SC70
. 5-Pin SOT-23
. 8-Pin SOIC
. 14-Pin TSSOP

2 Applications
. Power Banks
. Solar Inverters
. Low-Power Motor Controls
. Battery-Powered Instruments
. Portable Devices
. Medical Instruments
. Handheld Test Equipment

3 Description
The TLV379 family of single, dual, and quad
operational amplifiers represents a cost-optimized
generation of low-voltage and micropower amplifiers.
Operating on a supply voltage as low as 1.8 V
(±0.9 V) and consuming extremely low quiescent
current of 4 μA per channel, these amplifiers are wellsuited
for power-sensitive applications. In addition,
the rail-to-rail input and output capability allows the
TLV379 family to be used in virtually any singlesupply
application.
The TLV379 (single) is available in 5-pin SC70 and
SOT23, and 8-pin SOIC packages. The TLV2379
(dual) comes in an 8-pin SOIC package. The
TLV4379 (quad) is offered in a 14-pin TSSOP
package. All versions are specified from .40°C to
+125°C.




Similar Part No. - TLV379

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
TLV379IDBVR TI1-TLV379IDBVR Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
TLV379IDBVT TI1-TLV379IDBVT Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
TLV379IDCKR TI1-TLV379IDCKR Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
TLV379IDCKT TI1-TLV379IDCKT Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
More results


Similar Description - TLV379

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA705 BURR-BROWN-OPA705 Datasheet
280Kb / 12P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Cadeka Microcircuits LL...
CLC1011 CADEKA-CLC1011 Datasheet
2Mb / 16P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
CLC1011_1A CADEKA-CLC1011_1A Datasheet
3Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
Texas Instruments
OPA705 TI-OPA705_12 Datasheet
614Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
TLV379 TI1-TLV379 Datasheet
1Mb / 32P
Cost-Optimized, Low-Voltage, 4-muA, Rail-to-Rail I/O Operational Amplifiers
OPA705 TI1-OPA705 Datasheet
837Kb / 15P
Low-Cost, CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Exar Corporation
CLC2011 EXAR-CLC2011 Datasheet
2Mb / 17P
Low Power, Low Cost, Rail-to-Rail I/O Amplifiers
logo
SG Micro Corp
SGM8049-1 SGMICRO-SGM8049-1 Datasheet
716Kb / 19P
Rail-to-Rail I/O Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com