Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1715344 Datasheet (PDF) - PHOENIX CONTACT

1715344 Datasheet PDF - PHOENIX CONTACT
Part # 1715344
Download  1715344 Download
File Size   899.19 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVW 1,5/ 8-STF-3,81 BD:1-8 - PCB connector

1715344 Datasheet (PDF)

Go To PDF Page Download Datasheet
1715344 Datasheet PDF - PHOENIX CONTACT

Part # 1715344
Download  1715344 Click to download

File Size   899.19 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCVW 1,5/ 8-STF-3,81 BD:1-8 - PCB connector

1715344 Datasheet (HTML) - PHOENIX CONTACT


1715344 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: MCVW 1,5/.
.-STF, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: -90 °, plug-in system: COMBICON MC 1,5,
locking: Screw locking mechanism, mounting method: Screw flange, type of packaging: packed
in cardboard




Similar Part No. - 1715344

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
17153 CANDD-17153 Datasheet
83Kb / 2P
Radial Lead Inductors
logo
Weidmuller
1715300000 WEIDMULLER-1715300000 Datasheet
94Kb / 7P
PCB Components and Housings for Electronics
logo
PHOENIX CONTACT
1715303 PHOENIX-1715303 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 7-STF-10,16
1715307 PHOENIX-1715307 Datasheet
503Kb / 13P
MKDS 1,5/16 - PCB terminal block
1715316 PHOENIX-1715316 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 8-STF-10,16
More results


Similar Description - 1715344

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716539 PHOENIX-1716539 Datasheet
55Kb / 4P
PCB terminal block - MKDS 1,5/ 8 BD:1-8
1727450 PHOENIX-1727450 Datasheet
58Kb / 5P
PCB terminal block - MKDSN 1,5/ 8 BD:1-8
1827033 PHOENIX-1827033 Datasheet
151Kb / 6P
MCVW 1,5/ 8-ST-3,81
1755127 PHOENIX-1755127 Datasheet
59Kb / 4P
Printed-circuit board connector - MCVW 1,5/ 8-STF-3,81 BK AU
1896909 PHOENIX-1896909 Datasheet
73Kb / 4P
Printed-circuit board connector - MCVW 1,5/ 8-ST-3,81 BD:1-8
1859807 PHOENIX-1859807 Datasheet
89Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-ST-3,81 BD:1-8
11/05/2018
1849104 PHOENIX-1849104 Datasheet
660Kb / 16P
PCB connector - LPC 1,5/ 8-STF-3,81
Jul 20, 2022
1828540 PHOENIX-1828540 Datasheet
374Kb / 11P
PCB connector - MCVW 1,5/ 7-STF-3,81
Jan 10, 2023
1828618 PHOENIX-1828618 Datasheet
372Kb / 11P
PCB connector - MCVW 1,5/14-STF-3,81
Jan 5, 2023
1828498 PHOENIX-1828498 Datasheet
373Kb / 11P
PCB connector - MCVW 1,5/ 2-STF-3,81
Jan 4, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com