Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1715344 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1715344
Description  MCVW 1,5/ 8-STF-3,81 BD:1-8 - PCB connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1715344 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1715344 Datasheet HTML 1Page - PHOENIX CONTACT 1715344 Datasheet HTML 2Page - PHOENIX CONTACT 1715344 Datasheet HTML 3Page - PHOENIX CONTACT 1715344 Datasheet HTML 4Page - PHOENIX CONTACT 1715344 Datasheet HTML 5Page - PHOENIX CONTACT 1715344 Datasheet HTML 6Page - PHOENIX CONTACT 1715344 Datasheet HTML 7Page - PHOENIX CONTACT 1715344 Datasheet HTML 8Page - PHOENIX CONTACT 1715344 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Sn, contact connection type: Socket, number of potentials: 8,
number of rows: 1, number of positions: 8, number of connections: 8, product range: MCVW 1,5/.
.-STF, pitch: 3.81 mm, connection method: Screw connection with tension sleeve, screw head
form: L Slotted, conductor/PCB connection direction: -90 °, plug-in system: COMBICON MC 1,5,
locking: Screw locking mechanism, mounting method: Screw flange, type of packaging: packed
in cardboard
Your advantages
Well-known connection principle allows worldwide use
•
Low temperature rise, thanks to maximum contact force
•
Allows connection of two conductors
•
Screwable flange for superior mechanical stability
•
Commercial data
Item number
1715344
Packing unit
50 pc
Minimum order quantity
50 pc
Note
Made to order (non-returnable)
Sales key
AA02
Product key
AABAGB
GTIN
4055626400907
Weight per piece (including packing)
7.422 g
Weight per piece (excluding packing)
7.063 g
Customs tariff number
85366990
Country of origin
DE
MCVW 1,5/ 8-STF-3,81 BD:1-8 - PCB connector
1715344
https://www.phoenixcontact.com/us/products/1715344
Nov 11, 2025, 1:21AM
Page 1 (14)


Similar Part No. - 1715344

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
17153 CANDD-17153 Datasheet
83Kb / 2P
Radial Lead Inductors
logo
Weidmuller
1715300000 WEIDMULLER-1715300000 Datasheet
94Kb / 7P
PCB Components and Housings for Electronics
logo
PHOENIX CONTACT
1715303 PHOENIX-1715303 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 7-STF-10,16
1715307 PHOENIX-1715307 Datasheet
503Kb / 13P
MKDS 1,5/16 - PCB terminal block
1715316 PHOENIX-1715316 Datasheet
105Kb / 7P
Printed-circuit board connector - TPC 16/ 8-STF-10,16
More results

Similar Description - 1715344

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1716539 PHOENIX-1716539 Datasheet
55Kb / 4P
PCB terminal block - MKDS 1,5/ 8 BD:1-8
1727450 PHOENIX-1727450 Datasheet
58Kb / 5P
PCB terminal block - MKDSN 1,5/ 8 BD:1-8
1827033 PHOENIX-1827033 Datasheet
151Kb / 6P
MCVW 1,5/ 8-ST-3,81
1755127 PHOENIX-1755127 Datasheet
59Kb / 4P
Printed-circuit board connector - MCVW 1,5/ 8-STF-3,81 BK AU
1896909 PHOENIX-1896909 Datasheet
73Kb / 4P
Printed-circuit board connector - MCVW 1,5/ 8-ST-3,81 BD:1-8
1859807 PHOENIX-1859807 Datasheet
89Kb / 4P
Printed-circuit board connector - MC 1,5/ 8-ST-3,81 BD:1-8
11/05/2018
1849104 PHOENIX-1849104 Datasheet
660Kb / 16P
PCB connector - LPC 1,5/ 8-STF-3,81
Jul 20, 2022
1828540 PHOENIX-1828540 Datasheet
374Kb / 11P
PCB connector - MCVW 1,5/ 7-STF-3,81
Jan 10, 2023
1828618 PHOENIX-1828618 Datasheet
372Kb / 11P
PCB connector - MCVW 1,5/14-STF-3,81
Jan 5, 2023
1828498 PHOENIX-1828498 Datasheet
373Kb / 11P
PCB connector - MCVW 1,5/ 2-STF-3,81
Jan 4, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com