Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1715344 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1715344
Description  MCVW 1,5/ 8-STF-3,81 BD:1-8 - PCB connector
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1715344 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1715344 Datasheet HTML 1Page - PHOENIX CONTACT 1715344 Datasheet HTML 2Page - PHOENIX CONTACT 1715344 Datasheet HTML 3Page - PHOENIX CONTACT 1715344 Datasheet HTML 4Page - PHOENIX CONTACT 1715344 Datasheet HTML 5Page - PHOENIX CONTACT 1715344 Datasheet HTML 6Page - PHOENIX CONTACT 1715344 Datasheet HTML 7Page - PHOENIX CONTACT 1715344 Datasheet HTML 8Page - PHOENIX CONTACT 1715344 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Dimensional drawing
Pitch
3.81 mm
Width [w]
40.87 mm
Height [h]
10.4 mm
Length [l]
19.1 mm
Mounting
Flange
Tightening torque
0.3 Nm
Mechanical tests
Test for conductor damage and slackening
Specification
IEC 60999-1:1999-11
Result
Test passed
Pull-out test
Specification
IEC 60999-1:1999-11
0.14 mm² / solid / > 10 N
0.14 mm² / flexible / > 10 N
1.5 mm² / solid / > 40 N
Conductor cross-section/conductor type/tractive force
setpoint/actual value
1.5 mm² / flexible / > 40 N
Insertion and withdrawal forces
Specification
IEC 60512-13-2:2006-02
Result
Test passed
No. of cycles
25
Insertion strength per pos. approx.
8 N
Withdraw strength per pos. approx.
6 N
Torque test
Specification
IEC 60999-1:1999-11
Resistance of inscriptions
Specification
IEC 60068-2-70:1995-12
Result
Test passed
Polarization and coding
Specification
IEC 60512-13-5:2006-02
Result
Test passed
MCVW 1,5/ 8-STF-3,81 BD:1-8 - PCB connector
1715344
https://www.phoenixcontact.com/us/products/1715344
Nov 11, 2025, 1:21AM
Page 4 (14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com