Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLS Datasheet (PDF) - Ferroxcube International Holding B.V.

MLS Datasheet PDF - Ferroxcube International Holding B.V.
Part # MLS
Download  MLS Download
File Size   168.57 Kbytes
Page   13 Pages
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.
Description Multilayer suppressors EMI-suppression products

MLS Datasheet (PDF)

Go To PDF Page Download Datasheet
MLS Datasheet PDF - Ferroxcube International Holding B.V.

Part # MLS
Download  MLS Click to download

File Size   168.57 Kbytes
Page   13 Pages
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.
Description Multilayer suppressors EMI-suppression products

MLS Datasheet (HTML) - Ferroxcube International Holding B.V.


MLS Product details

Main applications areas for multilayer suppressors are:
• computer and peripheral equipment: mother board, notebook, CD-Rom, DVD-Rom, CD-RW, scanner, hard disc, VGA card, sound card, LCD monitor, printer, PC server thumb drive, PCMCIA card, graphic card, etc.
• network: LAN card, hub, switcher, router set top box, etc.
• telecom: cell phone, ADSL, wired modem, cable modem, ISDN, GPS satellite receiver, etc.
• consumer: walkman, walkdisc, digital still camera (DSC), sound system, HDTV, projector, DVD player, VCD player, tuner for TV, cable modem, etc.
To help designers in the trial and error process of finding the most suitable suppression component, we offer a sample box with a selection of products.

Features
• Monolithic structure for closed magnetic path and highreliability
• Standard EIA and EIAJ sizes: 0402, 0603, 0805, 1206, 1210, 1806 and 1812
• High impedance per volume which leads to effective high density circuits
• Suitable for wave and reflow soldering
• Plating material lead-free
• Wide range of impedance values
• Superior physical properties
• Available in standard EIA and EIAJ tape-and-reel
• Operating temperature -40°C to +125°C
• 100% sorting out on impedance




Similar Part No. - MLS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
MLS CDE-MLS Datasheet
301Kb / 6P
Now Available with High Vibration and High Reliability Options
MLS CDE-MLS Datasheet
1,017Kb / 6P
Now Available with High Vibration and High Reliability Options
logo
M-System Co.,Ltd.
MLS MSYSTEM-MLS Datasheet
111Kb / 3P
Plug-in Signal Conditioners M-UNIT
MLS-00-B MSYSTEM-MLS-00-B Datasheet
111Kb / 3P
Plug-in Signal Conditioners M-UNIT
MLS-00-B/E MSYSTEM-MLS-00-B/E Datasheet
111Kb / 3P
Plug-in Signal Conditioners M-UNIT
More results


Similar Description - MLS

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
BDS3-3S1 FERROXCUBE-BDS3-3S1 Datasheet
76Kb / 7P
SMD beads EMI-suppression products
CMS2-5.6-4S2 FERROXCUBE-CMS2-5.6-4S2 Datasheet
91Kb / 9P
SMD common mode chokes EMI-suppression products
WBS1.5-5-3S4 FERROXCUBE-WBS1.5-5-3S4 Datasheet
77Kb / 7P
SMD wideband chokes EMI-suppression products
WBSM2.5-5-4B1 FERROXCUBE-WBSM2.5-5-4B1 Datasheet
69Kb / 6P
SMD wideband chokes metallized EMI-suppression products
TUB3.5-1.2-5-4B1 FERROXCUBE-TUB3.5-1.2-5-4B1 Datasheet
43Kb / 3P
EMI-suppression products
WBC1.5-A-3S4 FERROXCUBE-WBC1.5-A-3S4 Datasheet
83Kb / 6P
Wideband chokes EMI-suppression products
MLS0603-4S7-301 FERROXCUBE-MLS0603-4S7-301 Datasheet
167Kb / 13P
Multilayer suppressors EMI-suppression products
logo
Taiyo Yuden (U.S.A.), I...
FK2125T107AL-T TAIYO-YUDEN-FK2125T107AL-T Datasheet
265Kb / 2P
Multilayer EMI Suppression Filters (T series)
FK2125T167AL-T TAIYO-YUDEN-FK2125T167AL-T Datasheet
265Kb / 2P
Multilayer EMI Suppression Filters (T series)
FK2125T406AL-T TAIYO-YUDEN-FK2125T406AL-T Datasheet
265Kb / 2P
Multilayer EMI Suppression Filters (T series)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com