Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLS Datasheet(PDF) 7 Page - Ferroxcube International Holding B.V.

Part # MLS
Description  Multilayer suppressors EMI-suppression products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

MLS Datasheet(HTML) 7 Page - Ferroxcube International Holding B.V.

Back Button MLS Datasheet HTML 3Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 4Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 5Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 6Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 7Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 8Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 9Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 10Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 11Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2004 Sep 01
7
Ferroxcube
EMI-suppression products
Multilayer suppressors
Product specifications Multilayer Power Beads MLP
SIZE
|Ztyp| at 100 MHz
(
Ω)
RDC MAX.
(
Ω)
I MAX.
(mA)
TYPE NUMBER
0603
11
± 25%
0.02
4000
MLP0603-110
25
± 25%
0.03
3000
MLP0603-250
40
± 25%
0.035
3000
MLP0603-400
60
± 25%
0.04
3000
MLP0603-600
120
± 25%
0.07
1800
MLP0603-121
300
± 25%
0.14
1500
MLP0603-301
500
± 25%
0.18
1500
MLP0603-501
600
± 25%
0.2
1000
MLP0603-601
1000
± 25%
0.25
800
MLP0603-102
0805
11
± 25%
0.01
6000
MLP0805-110
17
± 25%
0.02
5000
MLP0805-170
30
± 25%
0.02
4000
MLP0805-300
60
± 25%
0.03
3000
MLP0805-600
80
± 25%
0.04
3000
MLP0805-800
120
± 25%
0.04
3000
MLP0805-121
200
± 25%
0.05
2500
MLP0805-201
300
± 25%
0.08
2000
MLP0805-301
600
± 25%
0.1
2000
MLP0805-601
1000
± 25%
0.12
1500
MLP0805-102
1206
19
± 25%
0.015
7000
MLP1206-190
32
± 25%
0.015
4000
MLP1206-320
50
± 25%
0.02
4000
MLP1206-500
70
± 25%
0.025
3000
MLP1206-700
80
± 25%
0.025
3000
MLP1206-800
100
± 25%
0.03
2500
MLP1206-101
300
± 25%
0.06
2000
MLP1206-301
600
± 25%
0.1
1800
MLP1206-601
1000 (1)
± 25%
0.15
1200
MLP1206-102
1200 (1)
± 25%
0.18
1000
MLP1206-122
1500 (1)
± 25%
0.2
800
MLP1206-152
1210
60
± 25%
0.025
4000
MLP1210-600
90
± 25%
0.025
3000
MLP1210-900
1806
50
± 25%
0.02
6000
MLP1806-500
60
± 25%
0.02
5000
MLP1806-600
80
± 25%
0.025
4000
MLP1806-800
150
± 25%
0.1
2000
MLP1806-151
1812
70
± 25%
0.03
6000
MLP1812-700
120
± 25%
0.03
4000
MLP1812-121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com