Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLS Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # MLS
Description  Multilayer suppressors EMI-suppression products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

MLS Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  MLS Datasheet HTML 1Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 2Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 3Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 4Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 5Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 6Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 7Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 8Page - Ferroxcube International Holding B.V. MLS Datasheet HTML 9Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2004 Sep 01
3
Ferroxcube
EMI-suppression products
TYPE NUMBER STRUCTURE
Type numbers for these products consist of the following:
• Product type
• Size
• Impedance.
Product type
MLS: Multilayer Suppressor.
MLP: Multilayer Power Beads.
MLN: Multilayer Narrow Band.
Size
0402: 1.0
× 0.5 × 0.5 mm
0603: 1.6
× 0.8 × 0.8 mm
0805: 2.0
× 1.25 × 0.9 mm
1206: 3.2
× 1.6 × 1.1 mm
1210: 3.2
× 2.5 × 1.3 mm
1806: 4.5
× 1.6 × 1.6 mm
1812: 4.5
× 3.2 × 1.5 mm.
Impedance value
Expressed in ohms (
Ω)
First two digits are significant figures
Last digit is the number of zeros to follow.
EXAMPLES
600: 60
Ω
101: 100
Ω
121: 120
Ω
151: 150
Ω
301: 300
Ω
102: 1000
Ω
Multilayer Suppressor MLS0603-4S7-600
Multilayer Power Bead MLP0603-121
Multilayer Narrow Band MLN0603-601
Standard products are delivered taped on reel and have a
tolerance on impedance of 25%.
TYPE
SIZE
INTERNAL
CODE
IMPEDANCE
MLS
0603
4S7
60
TYPE
SIZE
IMPEDANCE
MLP
0603
120
TYPE
SIZE
IMPEDANCE
MLN
0603
600
Multilayer suppressors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com