Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLN Datasheet (PDF) - Ferroxcube International Holding B.V.

MLN Datasheet PDF - Ferroxcube International Holding B.V.
Part # MLN
Download  MLN Download
File Size   168.57 Kbytes
Page   13 Pages
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.
Description Multilayer suppressors EMI-suppression products

MLN Datasheet (PDF)

Go To PDF Page Download Datasheet
MLN Datasheet PDF - Ferroxcube International Holding B.V.

Part # MLN
Download  MLN Click to download

File Size   168.57 Kbytes
Page   13 Pages
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.
Description Multilayer suppressors EMI-suppression products

MLN Datasheet (HTML) - Ferroxcube International Holding B.V.


MLN Product details

Main applications areas for multilayer suppressors are:
• computer and peripheral equipment: mother board, notebook, CD-Rom, DVD-Rom, CD-RW, scanner, hard disc, VGA card, sound card, LCD monitor, printer, PC server thumb drive, PCMCIA card, graphic card, etc.
• network: LAN card, hub, switcher, router set top box, etc.
• telecom: cell phone, ADSL, wired modem, cable modem, ISDN, GPS satellite receiver, etc.
• consumer: walkman, walkdisc, digital still camera (DSC), sound system, HDTV, projector, DVD player, VCD player, tuner for TV, cable modem, etc.
To help designers in the trial and error process of finding the most suitable suppression component, we offer a sample box with a selection of products.

Features
• Monolithic structure for closed magnetic path and highreliability
• Standard EIA and EIAJ sizes: 0402, 0603, 0805, 1206, 1210, 1806 and 1812
• High impedance per volume which leads to effective high density circuits
• Suitable for wave and reflow soldering
• Plating material lead-free
• Wide range of impedance values
• Superior physical properties
• Available in standard EIA and EIAJ tape-and-reel
• Operating temperature -40°C to +125°C
• 100% sorting out on impedance




Similar Part No. - MLN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MLN LITTELFUSE-MLN Datasheet
170Kb / 7P
Multiline Transient Voltage Surge Suppressor
logo
LEMO Connectors
MLN.V04.GEZG LEMO-MLN.V04.GEZG Datasheet
73Kb / 2P
M - Rugged Ratchet coupling
logo
Advanced Semiconductor
MLN1027F ASI-MLN1027F Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MLN1027F ASI-MLN1027F Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MLN1027F ASI-MLN1027F_07 Datasheet
18Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Similar Description - MLN

ManufacturerPart #DatasheetDescription
logo
Ferroxcube Internationa...
BDS3-3S1 FERROXCUBE-BDS3-3S1 Datasheet
76Kb / 7P
SMD beads EMI-suppression products
CMS2-5.6-4S2 FERROXCUBE-CMS2-5.6-4S2 Datasheet
91Kb / 9P
SMD common mode chokes EMI-suppression products
WBS1.5-5-3S4 FERROXCUBE-WBS1.5-5-3S4 Datasheet
77Kb / 7P
SMD wideband chokes EMI-suppression products
WBSM2.5-5-4B1 FERROXCUBE-WBSM2.5-5-4B1 Datasheet
69Kb / 6P
SMD wideband chokes metallized EMI-suppression products
TUB3.5-1.2-5-4B1 FERROXCUBE-TUB3.5-1.2-5-4B1 Datasheet
43Kb / 3P
EMI-suppression products
WBC1.5-A-3S4 FERROXCUBE-WBC1.5-A-3S4 Datasheet
83Kb / 6P
Wideband chokes EMI-suppression products
MLS0603-4S7-301 FERROXCUBE-MLS0603-4S7-301 Datasheet
167Kb / 13P
Multilayer suppressors EMI-suppression products
logo
Taiyo Yuden (U.S.A.), I...
FK2125T107AL-T TAIYO-YUDEN-FK2125T107AL-T Datasheet
265Kb / 2P
Multilayer EMI Suppression Filters (T series)
FK2125T167AL-T TAIYO-YUDEN-FK2125T167AL-T Datasheet
265Kb / 2P
Multilayer EMI Suppression Filters (T series)
FK2125T406AL-T TAIYO-YUDEN-FK2125T406AL-T Datasheet
265Kb / 2P
Multilayer EMI Suppression Filters (T series)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com