Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLN Datasheet(PDF) 6 Page - Ferroxcube International Holding B.V.

Part # MLN
Description  Multilayer suppressors EMI-suppression products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

MLN Datasheet(HTML) 6 Page - Ferroxcube International Holding B.V.

Back Button MLN Datasheet HTML 2Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 3Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 4Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 5Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 6Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 7Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 8Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 9Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 10Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
2004 Sep 01
6
Ferroxcube
EMI-suppression products
Multilayer suppressors
Note
1.
at 50 MHz
2.
at 30 MHz
•
RDC: Resistance of component for DC current.
•
Maximum rated current: measure of current capacity of the component. When the maximum rated current is
applied, temperature rise shall not exceed 20°C.
•
Standard tolerance on impedance is ±25%.
•
Other tolerances can be provided upon request.
•
Operating temperature: -40°C to +125°C.
0805
1000
± 25%
0.5
200
MLS0805-4S7-102
1500(1)
± 25%
0.6
200
MLS0805-4S7-152
2000
± 25%
0.8
100
MLS0805-4S4-202
1206
19
± 25%
0.05
600
MLS1206-4S4-190
26
± 25%
0.05
600
MLS1206-4S4-260
30
± 25%
0.05
600
MLS1206-4S4-300
50
± 25%
0.1
500
MLS1206-4S4-500
60
± 25%
0.1
500
MLS1206-4S4-600
70
± 25%
0.1
500
MLS1206-4S4-700
90
± 25%
0.15
500
MLS1206-4S4-900
120
± 25%
0.15
500
MLS1206-4S4-121
150
± 25%
0.15
500
MLS1206-4S4-151
200
± 25%
0.2
400
MLS1206-4S4-201
400
± 25%
0.2
400
MLS1206-4S4-401
500
± 25%
0.2
400
MLS1206-4S4-501
600
± 25%
0.3
400
MLS1206-4S4-601
1000(1)
± 25%
0.4
200
MLS1206-4S7-102
1200(1)
± 25%
0.4
200
MLS1206-4S7-122
2000(2)
± 25%
0.6
200
MLS1206-4S7-202
1210
32
± 25%
0.2
500
MLS1210-4S4-320
60
± 25%
0.2
500
MLS1210-4S4-600
90
± 25%
0.2
500
MLS1210-4S4-900
1806
50
± 25%
0.2
600
MLS1806-4S4-500
60
± 25%
0.2
600
MLS1806-4S4-600
80
± 25%
0.2
600
MLS1806-4S4-800
100
± 25%
0.3
500
MLS1806-4S4-101
150
± 25%
0.3
500
MLS1806-4S4-151
170
± 25%
0.3
500
MLS1806-4S4-171
1812
70
± 25%
0.3
500
MLS1812-4S4-700
120
± 25%
0.3
500
MLS1812-4S4-121
SIZE
|Ztyp| at 100 MHz
(
Ω)
RDC MAX.
(
Ω)
I MAX.
(mA)
TYPE NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com