Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLN Datasheet(PDF) 8 Page - Ferroxcube International Holding B.V.

Part # MLN
Description  Multilayer suppressors EMI-suppression products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

MLN Datasheet(HTML) 8 Page - Ferroxcube International Holding B.V.

Back Button MLN Datasheet HTML 4Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 5Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 6Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 7Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 8Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 9Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 10Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 11Page - Ferroxcube International Holding B.V. MLN Datasheet HTML 12Page - Ferroxcube International Holding B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
2004 Sep 01
8
Ferroxcube
EMI-suppression products
Multilayer suppressors
Product specifications Multilayer Narrow Band MLN
SIZE
|Ztyp| at 100 MHz
(
Ω)
RDC MAX.
(
Ω)
I MAX.
(mA)
TYPE NUMBER
0603
6
± 25%
0.05
500
MLN0603-060
10
± 25%
0.07
400
MLN0603-100
40
± 25%
0.30
300
MLN0603-400
80
± 25%
0.50
300
MLN0603-800
120
± 25%
0.40
300
MLN0603-121
240
± 25%
0.60
200
MLN0603-241
300
± 25%
0.60
200
MLN0603-301
480
± 25%
0.70
150
MLN0603-481
600
± 25%
0.60
100
MLN0603-601
0805
6
± 25%
0.07
800
MLN0805-060
11
± 25%
0.10
700
MLN0805-110
26
± 25%
0.20
600
MLN0805-260
32
± 25%
0.20
600
MLN0805-320
60
± 25%
0.30
500
MLN0805-600
75
± 25%
0.30
500
MLN0805-750
90
± 25%
0.30
500
MLN0805-900
120
± 25%
0.40
400
MLN0805-121
150
± 25%
0.40
400
MLN0805-151
170
± 25%
0.50
400
MLN0805-171
220
± 25%
0.50
300
MLN0805-221
300
± 25%
0.50
300
MLN0805-301
400
± 25%
0.60
300
MLN0805-401
500
± 25%
0.70
200
MLN0805-501
600
± 25%
0.50
200
MLN0805-601
1000
± 25%
1.0
100
MLN0805-102
1200
± 25%
0.70
100
MLN0805-122
1500
± 25%
0.70
100
MLN0805-152
1206
32
± 25%
0.20
600
MLN1206-320
60
± 25%
0.30
500
MLN1206-600
80
± 25%
0.30
500
MLN1206-800
90
± 25%
0.30
500
MLN1206-900
120
± 25%
0.40
400
MLN1206-121
150
± 25%
0.40
400
MLN1206-151
200
± 25%
0.50
300
MLN1206-201
220
± 25%
0.30
300
MLN1206-221
350
± 25%
0.30
300
MLN1206-351
400
± 25%
0.60
300
MLN1206-401
600
± 25%
0.80
300
MLN1206-601
1200
± 25%
1.00
200
MLN1206-122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com