Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4011B Datasheet (PDF) - STMicroelectronics

HCF4011B Datasheet PDF - STMicroelectronics
Part # HCF4011B
Download  HCF4011B Download
File Size   287.63 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NAND GATES

HCF4011B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF4011B Datasheet PDF - STMicroelectronics

Part # HCF4011B
Download  HCF4011B Click to download

File Size   287.63 Kbytes
Page   12 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description NAND GATES

HCF4011B Datasheet (HTML) - STMicroelectronics


HCF4011B Product details

DESCRIPTION
The HCC4011B, HCC4012B and HCC4023B (extended temperature range) and HCF4011B, HCF4012B and HCF4023B (intermediate temperature range) are monolithic, integrated circuit, available in 14-lead dual in-line plastic or ceramic package and plastic micropackage.
The HCC/HCF4011B, HCC/HCF4012B and HCC/HCF4023B NAND gates provide the system designer with direct implementation of the NAND function and supplement the existing family of COS/MOS gates. All inputs and outputs are buffered.

QUAD 2 INPUT HCC/HCF 4011B
DUAL 4 INPUT HCC/HCF 4012B
TRIPLE 3 INPUT HCC/HCF 4023B

■ PROPAGATION DELAY TIME = 60ns (typ.) AT CL = 50pF, VDD = 10V
■ BUFFERED INPUTS AND OUTPUTS
■ QUIESCENT CURRENT SPECIFIED TO 20V FOR HCC DEVICE
■ INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ 5V, 10V AND 15V PARAMETRIC RATINGS
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARD N°. 13A, ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCF4011B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4011B STMICROELECTRONICS-HCF4011B Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
HCF4011BE STMICROELECTRONICS-HCF4011BE Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
HCF4011BEY STMICROELECTRONICS-HCF4011BEY Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
HCF4011BM1 STMICROELECTRONICS-HCF4011BM1 Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
HCF4011B STMICROELECTRONICS-HCF4011B_01 Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
More results


Similar Description - HCF4011B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
CMOS NAND GATES
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
CMOS NAND Gates
November 1994
logo
Microsemi Corporation
TSC301 MICROSEMI-TSC301 Datasheet
474Kb / 4P
Power NAND Gates
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
NAND GATES
logo
List of Unclassifed Man...
TC303 ETC-TC303 Datasheet
486Kb / 4P
POWER NAND GATES
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
CMOS NAND Gates
CD4011B TI1-CD4011B_15 Datasheet
1Mb / 19P
CMOS NAND GATES
CD4011B TI1-CD4011B_17 Datasheet
1Mb / 20P
CMOS NAND GATES
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com