Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4011B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4011B
Description  NAND GATES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4011B Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4011B Datasheet HTML 1Page - STMicroelectronics HCF4011B Datasheet HTML 2Page - STMicroelectronics HCF4011B Datasheet HTML 3Page - STMicroelectronics HCF4011B Datasheet HTML 4Page - STMicroelectronics HCF4011B Datasheet HTML 5Page - STMicroelectronics HCF4011B Datasheet HTML 6Page - STMicroelectronics HCF4011B Datasheet HTML 7Page - STMicroelectronics HCF4011B Datasheet HTML 8Page - STMicroelectronics HCF4011B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HCC4011B/12B/23B
HCF4011B/12B/23B
NAND GATES
DESCRIPTION
.
PROPAGATION DELAY TIME = 60ns (typ.) AT
CL = 50pF, VDD = 10V
.
BUFFERED INPUTS AND OUTPUTS
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
5V, 10V AND 15V PARAMETRIC RATINGS
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
o. 13A, ”STANDARD
SPECIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
QUAD 2 INPUT HCC/HCF 4011B
DUAL 4 INPUT HCC/HCF 4012B
TRIPLE 3 INPUT HCC/HCF 4023B
June 1989
The HCC4011B, HCC4012B and HCC4023B (ex-
tended
temperature
range)
and
HCF4011B,
HCF4012B and HCF4023B (intermediate tempera-
ture range) are monolithic, integrated circuit, avail-
able in 14-lead dual in-line plastic or ceramic
package and plastic micropackage.
The
HCC/HCF4011B,
HCC/HCF4012B
and
HCC/HCF4023B NAND gates provide the system
designer with direct implementation of the NAND
function and supplement the existing family of
COS/MOS gates. All inputs and outputs are buf-
fered.
PIN CONNECTIONS
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC40XXBF
HCF40XXBM1
HCF40XXBEY
HCF40XXBC1
4011B
4012B
4023B
1/12


Similar Part No. - HCF4011B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4011B STMICROELECTRONICS-HCF4011B Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
HCF4011BE STMICROELECTRONICS-HCF4011BE Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
HCF4011BEY STMICROELECTRONICS-HCF4011BEY Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
HCF4011BM1 STMICROELECTRONICS-HCF4011BM1 Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
HCF4011B STMICROELECTRONICS-HCF4011B_01 Datasheet
171Kb / 7P
QUAD 2 INPUT NAND GATE
Sep-2001
More results

Similar Description - HCF4011B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
CMOS NAND GATES
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
CMOS NAND Gates
November 1994
logo
Microsemi Corporation
TSC301 MICROSEMI-TSC301 Datasheet
474Kb / 4P
Power NAND Gates
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
NAND GATES
logo
List of Unclassifed Man...
TC303 ETC-TC303 Datasheet
486Kb / 4P
POWER NAND GATES
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
CMOS NAND Gates
CD4011B TI1-CD4011B_15 Datasheet
1Mb / 19P
CMOS NAND GATES
CD4011B TI1-CD4011B_17 Datasheet
1Mb / 20P
CMOS NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com