Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP461 Datasheet (PDF) - Texas Instruments

TMP461 Datasheet PDF - Texas Instruments
Part # TMP461
Download  TMP461 Download
File Size   850.16 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address

TMP461 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP461 Datasheet PDF - Texas Instruments

Part # TMP461
Download  TMP461 Click to download

File Size   850.16 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address

TMP461 Datasheet (HTML) - Texas Instruments


TMP461 Product details

1 Features
1• Remote Diode Temperature Sensor Accuracy:
±0.75°C
• Local Temperature Sensor Accuracy: ±1°C
• Resolution for Local and Remote Channels:
0.0625°C
• Supply and Logic Voltage Range: 1.7 V to 3.6 V
• 35-μA Operating Current (1 SPS),
3-μA Shutdown Current
• Series Resistance Cancellation
• η-Factor and Offset Correction
• Programmable Digital Filter
• Diode Fault Detection
• Two-Wire and SMBus™ Serial Interface
Compatible with Pin-Programmable Address
• 10-Lead WQFN Package

2 Applications
• Processor Temperature Monitoring
• Telecommunication Equipment
• Servers and Personal Computers
• Precision Instruments
• Test Equipment
• Smart Batteries
• Embedded Applications
• LED Lighting Thermal Control

3 Description
The TMP461 device is a high-accuracy, low-power
remote temperature sensor monitor with a built-in
local temperature sensor. The remote temperature
sensors are typically low-cost discrete NPN or PNP
transistors, or substrate thermal transistors or diodes
that are integral parts of microprocessors,
microcontrollers, or field-programmable gate arrays
(FPGAs). Temperature is represented as a 12-bit
digital code for both local and remote sensors, giving
a resolution of 0.0625°C. The two-wire serial interface
accepts the SMBus communication protocol with up
to nine different pin-programmable addresses.
Advanced features [such as series resistance
cancellation, programmable nonideality factor (η-
factor), programmable offset, programmable
temperature limits, and a programmable digital filter]
are combined to provide a robust thermal monitoring
solution with improved accuracy and noise immunity.
The TMP461 is ideal for multi-location, high-accuracy
temperature measurements in a variety of
communication, computing, instrumentation, and
industrial applications. The device is specified for
operation over a supply voltage range of 1.7 V to
3.6 V, and a temperature range of –40°C to 125°C.




Similar Part No. - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI1-TMP461 Datasheet
115Kb / 5P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
528Kb / 34P
Radiation Hardened Remote and Local Digital Temperature Sensor
TMP461 TI1-TMP461 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP461 TI2-TMP461 Datasheet
725Kb / 36P
TMP461-SP Radiation-Hardness-Assured (RHA), High-Accuracy Remote and Local Temperature Sensor
REVISED FEBRUARY 2020
More results


Similar Description - TMP461

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP461 TI-TMP461_15 Datasheet
430Kb / 33P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP421 TI1-TMP421_15 Datasheet
1Mb / 35P
짹1째C Remote and Local TEMPERATURE SENSOR
TMP461 TI1-TMP461_16 Datasheet
1Mb / 35P
High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP468 TI1-TMP468 Datasheet
743Kb / 40P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP421-Q1 TI1-TMP421-Q1 Datasheet
1Mb / 38P
Remote and Local Temperature Sensor
TMP468 TI1-TMP468_17 Datasheet
905Kb / 43P
9-Channel (8-Remote and 1-Local), High-Accuracy Temperature Sensor
TMP464 TI1-TMP464 Datasheet
1Mb / 43P
High-Accuracy 5-Channel (4-Remote and 1-Local) Temperature Sensor
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
Digital Remote and Local Temperature Sensor
logo
Texas Instruments
TMP461 TI1-TMP461_V01 Datasheet
1Mb / 35P
TMP461 High-Accuracy Remote and Local Temperature Sensor with Pin-Programmable Bus Address
TMP4718 TI-TMP4718 Datasheet
1Mb / 50P
TMP4718 High-Accuracy Remote and Local Temperature Sensor with Pin- Programmable Alert Thresholds
MAY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com