Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP512 Datasheet (PDF) - Texas Instruments

TMP512 Datasheet PDF - Texas Instruments
Part # TMP512
Download  TMP512 Download
File Size   2236.93 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Temperature and Power Supply System Monitors

TMP512 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP512 Datasheet PDF - Texas Instruments

Part # TMP512
Download  TMP512 Click to download

File Size   2236.93 Kbytes
Page   62 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Temperature and Power Supply System Monitors

TMP512 Datasheet (HTML) - Texas Instruments


TMP512 Product details

1FEATURES
234• ±1°C REMOTE DIODE SENSORS
• ±1°C LOCAL TEMPERATURE SENSOR
• SERIES RESISTANCE CANCELLATION
• n-FACTOR CORRECTION
• TEMPERATURE ALERT FUNCTION
• AVERAGING
• 12-BIT RESOLUTION
• DIODE FAULT DETECTION
• SENSES BUS VOLTAGES FROM 0V TO +26V
• REPORTS CURRENT IN AMPS, VOLTAGE IN
VOLTS AND POWER IN WATTS
• HIGH ACCURACY: 1% MAX OVER TEMP
• WATCHDOG LIMITS:
– Upper Over-Limit
– Lower Under-Limit

APPLICATIONS
• DESKTOP AND NOTEBOOK COMPUTERS
• SERVERS
• INDUSTRIAL CONTROLLERS
• CENTRAL OFFICE TELECOM EQUIPMENT
• LCD/ DLP®/LCOS PROJECTORS
• STORAGE AREA NETWORKS (SAN)

DESCRIPTION
The TMP512 (dual-channel) and TMP513
(triple-channel) are system monitors that include
remote sensors, a local temperature sensor, and a
high-side current shunt monitor. These system
monitors have the capability of measuring remote
temperatures, on-chip temperatures, and system voltage/power/current consumption.
The remote temperature sensor diode-connected
transistors are typically low-cost, NPN- or PNP-type
transistors or diodes that are an integral part of
microcontrollers, microprocessors, or FPGAs.
Remote accuracy is ±1°C for multiple IC manufacturers, with no calibration needed. The
two-wire serial interface accepts SMBus™ or
two-wire write and read commands.
The onboard current shunt monitor is a high-side
current shunt and power monitor. It monitors both the
shunt drop and supply voltage. A programmable
calibration value (along with the TMP512/TMP513
internal digital multiplier) enables direct readout in amps; an additional multiplication calculates power in
watts. The TMP512 and TMP513 both feature two
separate onboard watchdog capabilities: an over-limit
comparator and a lower-limit comparator.
These devices use a single +3V to +26V supply,
drawing a maximum of 1.4mA of supply current, and
they are specified for operation from –40°C to
+125°C.




Similar Part No. - TMP512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
Temperature and Power Supply System Monitors
TMP512 TI-TMP512 Datasheet
1Mb / 54P
Temperature and Power Supply System Monitors
TMP512 TI1-TMP512 Datasheet
1Mb / 61P
Temperature and Power Supply System Monitors
TMP512 TI2-TMP512 Datasheet
1Mb / 57P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor with η-Factor
OCTOBER 2025
TMP512 TI2-TMP512 Datasheet
1Mb / 59P
TMP4719 High-Accuracy 3-Channel (2-Remote and 1-Local) 1.2V Logic Compatible Temperature Sensor With η-Factor
REVISED DECEMBER 2025
More results


Similar Description - TMP512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA8176 STMICROELECTRONICS-TDA8176 Datasheet
94Kb / 5P
TV VERTICAL DEFLECTION SYSTEM FOR TV AND MONITORS
Nov-1992
logo
Maxim Integrated Produc...
MAX6653 MAXIM-MAX6653 Datasheet
297Kb / 24P
Temperature Monitors and PWM Fan Controllers
Rev 1; 12/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
Linear Technology
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
Power Supply Tracker with Input Monitors
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
Temperature and Power Supply System Monitors
logo
Linear Technology
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
Power Supply Tracker with Input Monitors
logo
Texas Instruments
TMP512 TI1-TMP512_15 Datasheet
1Mb / 61P
Temperature and Power Supply System Monitors
logo
ON Semiconductor
FDMF5062 ONSEMI-FDMF5062 Datasheet
42Kb / 1P
Smart Power Stage (SPS) Modules with Integrated Current and Temperature Monitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com