Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP512 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 5 Page - Texas Instruments

  TMP512 Datasheet HTML 1Page - Texas Instruments TMP512 Datasheet HTML 2Page - Texas Instruments TMP512 Datasheet HTML 3Page - Texas Instruments TMP512 Datasheet HTML 4Page - Texas Instruments TMP512 Datasheet HTML 5Page - Texas Instruments TMP512 Datasheet HTML 6Page - Texas Instruments TMP512 Datasheet HTML 7Page - Texas Instruments TMP512 Datasheet HTML 8Page - Texas Instruments TMP512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
ELECTRICAL CHARACTERISTICS: V+ = +12V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, V+ = 12V, VSENSE = (VIN+ – VIN–) = 32mV, PGA = ÷ 1, and BRNG
(1) = 1, unless otherwise noted.
TMP512, TMP513
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEMPERATURE ERROR
TA = –40°C to +125°C
±1.25
±2.5
°C
Local Temperature Sensor
TELOCAL
TA = +15°C to +85°C, V+ = 12V
±0.25
±1
°C
TA = +15°C to +85°C, TD = –40°C to+
±0.25
±1
°C
150
°C, V+ = 12V
TA = –40°C to +100°C, TD = –40°C to
Remote Temperature Sensor(5)
TEREMOTE
±1
±3
°C
+150
°C, V+ = 12V
TA = –40°C to +125°C, TD = –40°C to
±3
±5
°C
+150
°C
vs Supply, Local
V+ = 3V to 5.5V, Configuration 3(6)
0.2
0.5
°C/V
V+ = 3V to 5.5V, Configuration 3(6)
0.2
0.5
°C/V
vs Supply, Remote
V+ = 4.5V to 26V, subregulator supply
0.01
0.05
°C/V
TEMPERATURE MEASUREMENT
Conversion Time (per channel)
100
115
130
ms
Resolution
Local Temperature Sensor
13
Bits
Remote Temperature Sensor
13
Bits
Remote Sensor Source Currents
Series Resistance 3k
Ω max
High
120
μA
Medium High
60
μA
Medium Low
12
μA
Low
6
μA
Default Non-Ideality Factor
n
TMP512/12 Optimized Ideality Factor
1.008
SMBus
Logic Input High Voltage (SCL, SDA, GPIO,
VIH
2.1
V
A0)
Logic Input Low Voltage (SCL, SDA, GPIO,
VIL
0.8
V
A0)
Hysteresis
500
mV
SMBus Output Low Sink Current
6
mA
SDA Output Low Voltage
VOL
IOUT = 6mA
0.15
0.4
V
Logic Input Current
0
≤ VIN ≤ 6V
–1
1
μA
SMBus Input Capacitance (SCL, SDA, GPIO, A0)
3
pF
SMBus Clock Frequency
3.4
MHz
SMBus Timeout(7)
25
30
35
ms
SCL Falling Edge to SDA Valid Time
1
μs
POWER SUPPLY
Specified Supply Range(6)
V+
+3
+26
V
Quiescent Current
1
1.4
mA
Quiescent Current, Power-Down Mode
55
100
μA
Power-On Reset Threshold
2
V
TEMPERATURE RANGE
Specified Temperature Range
–40
+125
°C
(5)
Tested with one-shot measurements, and with less than 5
Ω effective series resistance, and with 100pF differential input capacitance.
(6)
See Subregulator section.
(7)
SMBus timeout in the TMP512/13 resets the interface any time SCL or SDA is low for over 28ms.
Copyright
© 2010–2011, Texas Instruments Incorporated
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com