Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP512 Datasheet(PDF) 33 Page - Texas Instruments

Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 33 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 29Page - Texas Instruments TMP512 Datasheet HTML 30Page - Texas Instruments TMP512 Datasheet HTML 31Page - Texas Instruments TMP512 Datasheet HTML 32Page - Texas Instruments TMP512 Datasheet HTML 33Page - Texas Instruments TMP512 Datasheet HTML 34Page - Texas Instruments TMP512 Datasheet HTML 35Page - Texas Instruments TMP512 Datasheet HTML 36Page - Texas Instruments TMP512 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 62 page
background image
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
Table 3. Summary of Register Set (continued)
POINTER
ADDRESS
POWER-ON RESET
HEX
REGISTER NAME
FUNCTION
BINARY
HEX
TYPE(1)
Remote Temperature
12
Contains positive limit for remote temperature.
00101010 10000000
2A80
R/W
Limit 1
Remote Temperature
13
Contains positive limit for remote temperature.
00101010 10000000
2A80
R/W
Limit 2
Remote Temperature
14(4)
Contains positive limit for remote temperature.
00101010 10000000
2A80
R/W
Limit 3
Sets the current that corresponds to a full-scale drop across the
15
Shunt Calibration Register
00000000 00000000
0000
R/W
shunt.
Contains the N-factor value for Remote Channel 1 and
16
n-Factor 1
00000000 00000000
0000
R/W
Hysteresis for temperature limits.
17
n-Factor 2
Contains the N-factor value for Remote Channel 2.
00000000 00000000
0000
R/W
18(4)
n-Factor 3
Contains the N-factor value for Remote Channel 3.
00000000 00000000
0000
R/W
1E/FE
Manufacturer ID Register
Contains the Manufacturer ID.
01010101 11111111
55FF
R
TMP512 Device ID
1F/FF
Contains the Device ID.
00100010 11111111
22FF
R
Register
TMP513 Device ID
1F/FF
Contains the Device ID.
00100011 11111111
23FF
R
Register
(4)
For TMP513 only.
space
space
REGISTER DETAILS
All TMP512/13 registers are 16-bit registers. 16-bit register data are sent in two 8-bit bytes via the two-wire
interface.
Configuration Register 1
—Shunt Measurement Configuration 00h (Read/Write)
BIT #
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
BIT
ONE-
RST
BRNG
PG1
PG0
BADC4
BADC3
BADC2
BADC1
SADC4
SADC3
SADC2
SADC1
MODE3
MODE2
MODE1
NAME
SHOT
POR
0
0
1
1
1
0
0
1
1
0
0
1
1
1
1
1
VALUE
Bit Descriptions
RST:
Reset Bit
Bit 15
Setting this bit to '1' generates a system reset that is the same as power-on reset. Resets all registers to default
values; this bit self-clears.
ONE-SHOT
One-Shot Bit
Bit 14
Setting this bit to '1' generates a one-shot command.
BRNG:
Bus Voltage Range
Bit 13
0 = 16V FSR
1 = 32V FSR (default value)
PG:
PGA (Shunt Voltage Only)
Bits 12, 11
Sets PGA gain and range. Note that the PGA defaults to
÷8 (320mV range). Table 4 shows the gain and range for
the various product gain settings.
Copyright
© 2010–2011, Texas Instruments Incorporated
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com