Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP512 Datasheet(PDF) 34 Page - Texas Instruments

Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 30Page - Texas Instruments TMP512 Datasheet HTML 31Page - Texas Instruments TMP512 Datasheet HTML 32Page - Texas Instruments TMP512 Datasheet HTML 33Page - Texas Instruments TMP512 Datasheet HTML 34Page - Texas Instruments TMP512 Datasheet HTML 35Page - Texas Instruments TMP512 Datasheet HTML 36Page - Texas Instruments TMP512 Datasheet HTML 37Page - Texas Instruments TMP512 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 62 page
background image
TMP512
TMP513
SBOS491A
– JUNE 2010 – REVISED MAY 2011
www.ti.com
Table 4. PG Bit Settings(1)
PG1
PG0
GAIN
RANGE
0
0
1
±40mV
0
1
÷2
±80mV
1
0
÷4
±160mV
1
1
÷8
±320mV
(1)
Shaded values are default.
BADC:
BADC Bus ADC Resolution/Averaging
Bits 10
–7
These bits adjust the Bus ADC resolution (9-, 10-, 11-, or 12-bit) or set the number of samples used when
averaging results for the Bus Voltage Register (05h).
SADC:
SADC Shunt ADC Resolution/Averaging
Bits 6
–3
These bits adjust the Shunt ADC resolution (9-, 10-, 11-, or 12-bit) or set the number of samples used when
averaging results for the Shunt Voltage Register (04h).
BADC (Bus) and SADC (Shunt) ADC resolution/averaging and conversion time settings are shown in Table 5.
Table 5. ADC Settings(1)
ADC4
ADC3
ADC2
ADC1
MODE/SAMPLES
CONVERSION TIME
0
X
(2)
0
0
9-bit
105
μs
0
X
(2)
0
1
10-bit
185
μs
0
X
(2)
1
0
11-bit
345
μs
0
X
(2)
1
1
12-bit
665
μs
1
0
0
0
12-bit
665
μs
1
0
0
1
2
1.3ms
1
0
1
0
4
2.58ms
1
0
1
1
8
5.13ms
1
1
0
0
16
10.25ms
1
1
0
1
32
20.49ms
1
1
1
0
64
40.97ms
1
1
1
1
128
81.92ms
(1)
Shaded values are default.
(2)
X = Don
't care.
MODE:
Operating Mode
Bits 2
–0
Selects continuous, triggered, or power-down mode of operation. These bits default to continuous shunt and bus
measurement mode. The mode settings are shown in Table 6.
Table 6. Mode Settings(1)
MODE3
MODE2
MODE1
MODE
0
0
0
Power-Down
(2)
0
0
1
Shunt Voltage, Triggered
(3)
0
1
0
Bus Voltage, Triggered
(3)
0
1
1
Shunt and Bus, Triggered
(3)
1
0
0
ADC Off (disabled)
(4)
1
0
1
Shunt Voltage, Continuous
1
1
0
Bus Voltage, Continuous
1
1
1
Shunt and Bus, Continuous
(1)
Shaded values are default.
(2)
Combination
'000' stops converter immediately.
(3)
In triggered modes the converter goes to power down. It can be triggered by a write of
'1' to bit 14
(One-Shot) in Configuration Register 1 or by the delay scheme of the temperature sensor core. See
Table 7.
(4)
Combination
'100' stops the converter at conversion end.
34
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com