Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP512 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 28Page - Texas Instruments TMP512 Datasheet HTML 29Page - Texas Instruments TMP512 Datasheet HTML 30Page - Texas Instruments TMP512 Datasheet HTML 31Page - Texas Instruments TMP512 Datasheet HTML 32Page - Texas Instruments TMP512 Datasheet HTML 33Page - Texas Instruments TMP512 Datasheet HTML 34Page - Texas Instruments TMP512 Datasheet HTML 35Page - Texas Instruments TMP512 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
TMP512
TMP513
SBOS491A
– JUNE 2010 – REVISED MAY 2011
www.ti.com
REGISTER INFORMATION
The TMP512/13 uses a bank of registers for holding
the write command. Therefore, a 4
μs delay is
configuration
settings,
measurement
results,
required between the completion of a write to a given
maximum/minimum limits, and status information.
register and a subsequent read of that register
Table
3
summarizes
the
TMP512/13
registers.
(without changing the pointer) when using SCL
Register contents are updated 4
μs after completion of
frequencies in excess of 1MHz.
Table 3. Summary of Register Set
POINTER
ADDRESS
POWER-ON RESET
HEX
REGISTER NAME
FUNCTION
BINARY
HEX
TYPE(1)
All-register reset, settings for bus voltage range, PGA Gain, Bus
00
Configuration Register 1
ADC resolution/averaging, Shunt ADC resolution/averaging,
00111001 10011111
399F
R/W
one-shot, Operation Mode.
Settings for Temperature Continuous conversion, Remote
Configuration Register 2
01
Channels enable, Local Channel enable, resistance correction
1011111110000x00
BF80/BF84
R/W
TMP512
enable, Conversion rate bits, and GPIO mode bit and readback.
Settings for Temperature Continuous conversion, Remote
Configuration Register 2
01
Channels enable, Local Channel enable, resistance correction
11111111 10000x00
FF80/FF84
R/W
TMP513
enable, Conversion rate bits, and GPIO mode bit and readback.
02
Status Register
Contains the alert and conversion ready flags.
00000000 00000000
0000
R
SMBus Alert Mask/Enable
03
Contains masks to enable/disable the alert functions.
00000000 00000000
0000
R/W
Control Register
04
Shunt Voltage Result
Shunt voltage measurement result.
00000000 00000000
0000
R
05
Bus Voltage Result
Bus voltage measurement result.
00000000 00000000
0000
R
06
Power Result
Power measurement result.
00000000 00000000
0000
R
Contains the value of the current flowing through the shunt
07
Shunt Current Result(2)
00000000 00000000
0000
R
resistor.
08
Local Temperature Result
Contains local temperature measurement result.
00000000 00000000
0000
R
Remote Temperature
09
Contains remote temperature measurement result.
00000000 00000000
0000
R
Result 1
Remote Temperature
0A
Contains remote temperature measurement result.
00000000 00000000
0000
R
Result 2
Remote Temperature
0B(3)
Contains remote temperature measurement result.
00000000 00000000
0000
R
Result 3
Shunt Voltage Positive
0C
Contains the positive limit for Shunt Voltage.
00000000 00000000
0000
R/W
Limit
Shunt Voltage Negative
0D
Contains the negative limit for Shunt Voltage.
00000000 00000000
0000
R/W
Limit
0E
Bus Voltage Positive Limit
Contains the positive limit for Bus Voltage.
00000000 00000000
0000
R/W
0F
Bus Voltage Negative Limit Contains the negative limit for Bus Voltage.
00000000 00000000
0000
R/W
10
Power Limit
Contains the positive limit for Power.
00000000 00000000
0000
R/W
11
Local Temperature Limit
Contains positive limit for local temperature.
00101010 10000000
2A80
R/W
(1)
Type: R = Read-Only, R/W = Read/Write.
(2)
Current Register defaults to
'0' because the Calibration Register defaults to '0', yielding a zero current value until the Calibration Register
is programmed.
(3)
For TMP513 only.
32
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com