Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP512 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 9Page - Texas Instruments TMP512 Datasheet HTML 10Page - Texas Instruments TMP512 Datasheet HTML 11Page - Texas Instruments TMP512 Datasheet HTML 12Page - Texas Instruments TMP512 Datasheet HTML 13Page - Texas Instruments TMP512 Datasheet HTML 14Page - Texas Instruments TMP512 Datasheet HTML 15Page - Texas Instruments TMP512 Datasheet HTML 16Page - Texas Instruments TMP512 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 62 page
background image
Configuration 1
Configuration 2
Configuration 3
GND
ADC
Subregulator
3.3V
Subregulator
3.3V
V+ = 4.5V to 26V
Filter C
Load
470nF
Bus Voltage Range = 4.5V to 26V
Shunt
R
SHUNT
V
IN+
V
IN-
GND
ADC
V+ = 4.5V to 26V
Load
Filter C
470nF
Bus Voltage Range = 0V to 26V
Shunt
R
SHUNT
V
IN+
V
IN-
GND
ADC
Subregulator
3.3V
V+ = 3V to 5.5V
Load
Filter C
100nF
Bus Voltage Range = 0V to 26V
Shunt
R
SHUNT
V
IN+
V
IN-
TMP512
TMP513
www.ti.com
SBOS491A
– JUNE 2010 – REVISED MAY 2011
APPLICATION INFORMATION
between the two systems is being addressed. Two
bi-directional lines, SCL and SDA, connect the
DESCRIPTION
TMP512/13 to the bus. SDA is an open-drain
The TMP512/13 are digital temperature sensors with
connection. See Figure 23 for a typical application
a digital current-shunt monitor that combine a local
circuit.
die temperature measurement channel and remote
junction temperature measurement channels: two for
SUBREGULATOR
the
TMP512
and
three
for
the
TMP513.
The
TMP512/13 contain multiple registers for holding
The subregulator can be configured to three different
configuration information, temperature, and voltage
modes of operation. Each mode has its advantage
measurement results. These devices provide digital
and
limitation.
Figure
22
shows
the
three
current, voltage, and power readings necessary for
configuration
arrangements.
The
minimum
accurate
decision-making
in
precisely-controlled
capacitance on the Filter C pin for Configurations 1
systems.
Programmable
registers
allow
flexible
and 2 is 470nF. The minimum capacitance on the
configuration for setting warning limits, measurement
Filter C pin for Configuration 3 is 100nF.
resolution,
and
continuous-versus-triggered
Configuration 1 has V+ and VIN+ tied together. V+
operation. Detailed register information appears at
supplies the subregulator, which in turn supplies the
the end of this data sheet, beginning with Table 3.
3.3V to the Filter C pin and the internal die. With the
For proper remote temperature sensing operation, the
V+ supply range of 4.5V to 26V connected to the
TMP512 requires transistors connected between
shunt voltage, the bus voltage range cannot go to
DXP1 and DXN1 and between DXP2 and DXN2, and
zero and is limited to 4.5V to 26V.
for the TMP513, between DXP3 and DXN3 as well.
Configuration 2 has V+ to the subregulator without
Unused
channels
on
the
TMP512/13
must
be
any other connections. Under this configuration, the
connected to GND.
bus voltage range can go from 0V to 26V, because it
The TMP512/13 offer compatibility with two-wire and
is not limited to 4.5V as in Configuration 1.
SMBus
interfaces.
The
two-wire
and
SMBus
Configuration 3 has the subregulator V+ and Filter C
protocols are essentially compatible with each other.
pins shorted together. V+ is limited to 3V to 5.5V
Two-wire is used throughout this data sheet, with
because the Filter C pin supplies the internal die; it
SMBus being specified only when a difference
cannot exceed this voltage range. The bus voltage
range can go from 0V to 26V, because it is not limited
to 4.5V as in Configuration 1.
Figure 22. Typical Subregulator Configurations
Copyright
© 2010–2011, Texas Instruments Incorporated
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com