Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP512 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMP512
Description  Temperature and Power Supply System Monitors
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP512 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMP512 Datasheet HTML 20Page - Texas Instruments TMP512 Datasheet HTML 21Page - Texas Instruments TMP512 Datasheet HTML 22Page - Texas Instruments TMP512 Datasheet HTML 23Page - Texas Instruments TMP512 Datasheet HTML 24Page - Texas Instruments TMP512 Datasheet HTML 25Page - Texas Instruments TMP512 Datasheet HTML 26Page - Texas Instruments TMP512 Datasheet HTML 27Page - Texas Instruments TMP512 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 62 page
background image
TMP512
TMP513
SBOS491A
– JUNE 2010 – REVISED MAY 2011
www.ti.com
In applications that do not have large energy storage
not generate an Acknowledge and continues to hold
electrolytics on one or both sides of the shunt, an
the ALERT line low until the interrupt is cleared.
input
overstress
condition
may
result
from
an
Successful completion of the read alert response
excessive dV/dt of the voltage applied to the input. A
protocol clears the SMBus ALERT pin, provided that
hard physical short is the most likely cause of this
the condition causing the alert no longer exists. The
event, particularly in applications with no large
SMBus Alert flag is cleared separately by either
electrolytics present. This problem occurs because an
reading the Status Register or by disabling the
excessive dV/dt can activate the ESD protection in
SMBus Alert function.
the TMP512/13 in systems where large currents are
The Status Register flags indicate which (if any) of
available. Testing has demonstrated that the addition
the watchdogs have been activated. After power-on
of 10
Ω resistors in series with each input of the
reset (POR), the normal state of all flag bits is '0',
TMP512/13 sufficiently protects the inputs against
assuming that no alarm conditions exist.
dV/dt failure up to the 26V rating of the TMP512/13.
These
resistors
have
no
significant
effect
on
EXTERNAL CIRCUITRY FOR ADDITIONAL
accuracy.
VBUS INPUT
SMBus ALERT RESPONSE
The TMP512/13 GPIO can be used to control an
external circuit to switch the VBUS measurement to an
The SMBus alert response functions only when the
alternate location. Switching is most often done to
Alert pin is active and in latch mode (03h, bit 0 = 1);
perform bus voltage measurements on the opposite
see Figure 26. The ALERT interrupt output signal is
side of a MOSFET switch in series with the shunt
latched and can be cleared only by either reading the
resistor.
Status Register or by successfully responding to an
alert response address. If the fault is still present, the
Consideration must be given to the typical 20
μA input
ALERT pin re-asserts. Asserting the ALERT pin does
current of each TMP512/13 input, along with the
not halt automatic conversions that are already in
320k
Ω impedance present at the VIN– input where the
progress. The ALERT output pin is open-drain,
bus voltage is measured. These effects can create
allowing multiple devices to share a common interrupt
errors
through
the
resistance
of
any
external
line.
switching method used. The easiest way to avoid
these errors is by reducing this resistance to a
The
TMP512/13
respond
to
the
SMBus
alert
minimum; select switching MOSFETs with the lowest
response address, an interrupt pointer return-address
possible RDS(on) values.
feature. The SMBus alert response interrupt pointer
provides quick fault identification for simple slave
The circuit shown in Figure 31 uses MOSFET pairs to
devices. When an ALERT occurs, the master can
reduce package count. Back-to-back MOSFETs must
broadcast the alert response slave address (0001
be used in each leg because of the built-in back
100). Following this alert response, any slave devices
diodes from source-to-drain. In this circuit, the normal
that generated interrupts identify themselves by
connection for VIN– is at the shunt, with the optional
putting the respective addresses on the bus.
voltage measurement at the output of the control
FET.
The alert response can activate several different
slave devices simultaneously, similar to the two-wire
General Call. If more than one slave attempts to
respond, bus arbitration rules apply; the device with
the lower address code wins. The losing device does
24
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com