Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT1380AS Datasheet (PDF) - Global Mixed-mode Technology Inc

AT1380AS Datasheet PDF - Global Mixed-mode Technology Inc
Part # AT1380AS
Download  AT1380AS Download
File Size   67.81 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Switching Regulator Controller for LCD Bias

AT1380AS Datasheet (PDF)

Go To PDF Page Download Datasheet
AT1380AS Datasheet PDF - Global Mixed-mode Technology Inc

Part # AT1380AS
Download  AT1380AS Click to download

File Size   67.81 Kbytes
Page   1 Pages
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc
Description Switching Regulator Controller for LCD Bias

AT1380AS Datasheet (HTML) - Global Mixed-mode Technology Inc


AT1380AS Product details

Features
„ 2.5 to 15 V supply voltage operating range.
„ Low current consumption: 6 mA in operation,
1μA or less in stand-by .
„ 20 kHz to 1 MHz operation frequency range.
„ Provides a fixed output current with minimal
supply voltage fluctuations by using an external resistor to set the output current.
„ Totem-pole output.
„ Built-in soft start circuit.
„ Built-in timer-latch short circuit detection and
protection circuit (SCP).

General Description
The AT1380A is a single-channel PWM control IC for
DC/DC conversion with soft start function and short
circuit detection. Adjustable soft start is programmed
with an external capacitor on SCP pin. The AT1380A
is ideal for up, down and fly-back conversion.

Applications
„ LCD Displays
„ PDAs
„ Digital Still Cameras




Similar Part No. - AT1380AS

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1380AS AIMTRON-AT1380AS Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
More results


Similar Description - AT1380AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
3-Channel PWM Controller for LCD Bias
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
2-Channel PWM Controller for LCD Bias
logo
Sipex Corporation
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Linear Technology
LT3487 LINER-LT3487 Datasheet
289Kb / 16P
Boost and Inverting Switching Regulator for CCD Bias
logo
Exar Corporation
SP4446 EXAR-SP4446 Datasheet
262Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Seiko Instruments Inc
S8333 SII-S8333 Datasheet
2Mb / 44P
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com