Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT1380AS Datasheet(PDF) 1 Page - Global Mixed-mode Technology Inc

Part # AT1380AS
Description  Switching Regulator Controller for LCD Bias
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

AT1380AS Datasheet(HTML) 1 Page - Global Mixed-mode Technology Inc

  AT1380AS Datasheet HTML 1Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ver: 1.3
Apr 08, 2011
TEL: 886-3-5788833
http://www.gmt.com.tw
1
AT1380A
Global Mixed-mode Technology Inc.
Switching Regulator Controller for LCD Bias
Features
2.5 to 15 V supply voltage operating range.
Low current consumption: 6 mA in operation,
1
μA or less in stand-by .
20 kHz to 1 MHz operation frequency range.
Provides a fixed output current with minimal
supply voltage fluctuations by using an exter-
nal resistor to set the output current.
Totem-pole output.
Built-in soft start circuit.
Built-in timer-latch short circuit detection and
protection circuit (SCP).
General Description
The AT1380A is a single-channel PWM control IC for
DC/DC conversion with soft start function and short
circuit detection. Adjustable soft start is programmed
with an external capacitor on SCP pin. The AT1380A
is ideal for up, down and fly-back conversion.
Applications
LCD Displays
PDAs
Digital Still Cameras
Ordering Information
Part number
Package
Marking
REMARK
AT1380AS
SOP8
AT1380AS
AT1380AS_GRE
SOP8, Green
AT1380AS, Date Code with one bottom line
AT1380AP
TSSOP8
AT1380AP
OBSOLETE
AT1380AP_GRE
TSSOP8, Green
AT1380AP, Date Code with one bottom line
OBSOLETE
Pin configuration


Similar Part No. - AT1380AS

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1380AS AIMTRON-AT1380AS Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
More results

Similar Description - AT1380AS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4446 SIPEX-SP4446 Datasheet
169Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Aimtron Technology
AT1380A AIMTRON-AT1380A Datasheet
332Kb / 12P
Switching Regulator Controller for LCD Bias
logo
List of Unclassifed Man...
AT1729 ETC-AT1729 Datasheet
248Kb / 8P
3-Channel PWM Controller for LCD Bias
AT1731 ETC1-AT1731 Datasheet
247Kb / 8P
2-Channel PWM Controller for LCD Bias
AT1730 ETC1-AT1730 Datasheet
261Kb / 7P
2-Channel PWM Controller for LCD Bias
logo
Sipex Corporation
SP4446 SIPEX-SP4446_06 Datasheet
149Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Linear Technology
LT3487 LINER-LT3487 Datasheet
289Kb / 16P
Boost and Inverting Switching Regulator for CCD Bias
logo
Exar Corporation
SP4446 EXAR-SP4446 Datasheet
262Kb / 10P
High Output Voltage Boost Regulator LCD Bias Regulator
logo
Seiko Instruments Inc
S8333 SII-S8333 Datasheet
2Mb / 44P
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
logo
ABLIC Inc.
S-8333 ABLIC-S-8333 Datasheet
813Kb / 44P
STEP-UP, FOR LCD BIAS SUPPLY, 1-CHANNEL, PWM CONTROL SWITCHING REGULATOR CONTROLLER
Rev.4.2_02
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com