Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT83401 Datasheet (PDF) - Analog Devices

LT83401 Datasheet PDF - Analog Devices
Part # LT83401
Download  LT83401 Download
File Size   1059.04 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference

LT83401 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT83401 Datasheet PDF - Analog Devices

Part # LT83401
Download  LT83401 Click to download

File Size   1059.04 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 1A/2.5A Step-Down Silent Switcher 3 with Ultra-Low Noise Reference

LT83401 Datasheet (HTML) - Analog Devices


LT83401 Product details

FEATURES
 Silent Switcher® 3 Architecture
 Ultra-Low RMS Noise (10Hz–100kHz): 2.8μVRMS
 Ultra-Low Spot Noise: 4nV/√Hz at 10kHz
 Ultra-Low EMI Emissions
 Ultra-Fast Transient Response
 Minimizes the Output Capacitance
 High Efficiency at High Frequency
 Up to 92.4% Efficiency at 2MHz, 12VIN to 5VOUT
 Input Voltage Range: 2.8V to 42V
 Output Voltage Range: 0V to (VIN - 1V)
 Unity Gain Configuration Up to 15VOUT
 Fast Minimum Switch On-Time: 22ns
 Precision Reference: ±0.8% Over Temperature
with Remote Sense
 Forced Continuous Mode Capability
 Adjustable and Synchronizable: 300kHz to 6MHz
 Programmable Power Good
 Tiny, 15-Lead 3mm x 2mm LFCSP Package
 Pin-to-Pin Compatible Family: LT83201 (18V, 1A),
LT83203 (18V, 3A), and LT83205 (18V, 5A)
 AEC-Q100 Qualification in Progress




Similar Part No. - LT83401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8342 AD-LT8342 Datasheet
1Mb / 36P
40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
Rev. 0
LT8342RVTRMPBF AD-LT8342RVTRMPBF Datasheet
1Mb / 36P
40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
Rev. 0
LT8342RVTRPBF AD-LT8342RVTRPBF Datasheet
1Mb / 36P
40V, 9A, Low IQ Synchronous Step-Up Silent Switcher with Input Disconnect and PassThru
Rev. 0
LT8349 AD-LT8349 Datasheet
808Kb / 29P
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
LT8349ACBZ-R7 AD-LT8349ACBZ-R7 Datasheet
808Kb / 29P
8V, 12A, 2-Phase Low IQ Synchronous Boost Converter
Rev B
More results


Similar Description - LT83401

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8614 LINER-LT8614_15 Datasheet
511Kb / 24P
42V, 4A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8640 LINER-LT8640_15 Datasheet
751Kb / 26P
42V, 5A Synchronous Step-Down Silent Switcher with 2.5A Quiescent Current
LT8614 LINER-LT8614 Datasheet
252Kb / 6P
42V, 4A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8640S LINER-LT8640S Datasheet
569Kb / 8P
42V, 6A Micropower Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640S-2 AD-LT8640S-2 Datasheet
2Mb / 30P
42V, 6A Synchronous Step-Down Silent Switcher
LT8650S-1 AD-LT8650S-1 Datasheet
1Mb / 32P
Dual Channel 4A, 42V, Synchronous Step-Down Silent Switcher
LT8638S AD-LT8638S Datasheet
2Mb / 28P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8622S AD-LT8622S Datasheet
204Kb / 2P
18V, 2A/4A Step-Down Silent Switcher 3 with Ultralow Noise Reference
Rev. Sp0
LT8638-2 AD-LT8638-2 Datasheet
984Kb / 35P
42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com