Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20G065 Datasheet (PDF) - STMicroelectronics

STPSC20G065 Datasheet PDF - STMicroelectronics
Part # STPSC20G065
Download  STPSC20G065 Download
File Size   658.63 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 20 A high surge silicon carbide power Schottky diode

STPSC20G065 Datasheet (PDF)

Go To PDF Page Download Datasheet
STPSC20G065 Datasheet PDF - STMicroelectronics

Part # STPSC20G065
Download  STPSC20G065 Click to download

File Size   658.63 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 650 V, 20 A high surge silicon carbide power Schottky diode

STPSC20G065 Datasheet (HTML) - STMicroelectronics


STPSC20G065 Product details

Features
• No reverse recovery charge in application current range
• Switching behavior independent of temperature
• High forward surge current capability
• Operating Tj from -55 °C to 175 °C
• ECOPACK2 compliant component




Similar Part No. - STPSC20G065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20G065-Y STMICROELECTRONICS-STPSC20G065-Y Datasheet
777Kb / 12P
Automotive 650 V, 20 A high surge silicon carbide power Schottky diode
17-Sep-2025
STPSC20G065DY STMICROELECTRONICS-STPSC20G065DY Datasheet
777Kb / 12P
Automotive 650 V, 20 A high surge silicon carbide power Schottky diode
17-Sep-2025
STPSC20G065WLY STMICROELECTRONICS-STPSC20G065WLY Datasheet
777Kb / 12P
Automotive 650 V, 20 A high surge silicon carbide power Schottky diode
17-Sep-2025
More results


Similar Description - STPSC20G065

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSD2065B ONSEMI-FFSD2065B Datasheet
479Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
January, 2020 ??Rev. 2
FFSP2065A ONSEMI-FFSP2065A Datasheet
294Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
January, 2020 ??Rev. 2
FFSH2065BDN-F085 ONSEMI-FFSH2065BDN-F085 Datasheet
321Kb / 6P
Silicon Carbide Schottky Diode, 650 V, 20 A
February, 2019 ??Rev. 4
logo
Littelfuse
LSIC2SD065D20A LITTELFUSE-LSIC2SD065D20A Datasheet
416Kb / 7P
Silicon Carbide Schottky Diode 650 V, 20 A SiC Schottky Barrier Diode
Revised: 2/1/2021
logo
STMicroelectronics
STPSC20H065CWLY STMICROELECTRONICS-STPSC20H065CWLY Datasheet
255Kb / 10P
Automotive 20 A 650 V power Schottky silicon carbide diode
13-Apr-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSB2065B-F085 ONSEMI-FFSB2065B-F085_V01 Datasheet
326Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
March, 2022 - Rev. 3
FFSD2065B ONSEMI-FFSD2065B_V01 Datasheet
416Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
October, 2020 - Rev. 3
logo
WOLFSPEED, INC.
C6D20065H WOLFSPEED-C6D20065H Datasheet
952Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com