Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC20G065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC20G065
Description  650 V, 20 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC20G065 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC20G065 Datasheet HTML 1Page - STMicroelectronics STPSC20G065 Datasheet HTML 2Page - STMicroelectronics STPSC20G065 Datasheet HTML 3Page - STMicroelectronics STPSC20G065 Datasheet HTML 4Page - STMicroelectronics STPSC20G065 Datasheet HTML 5Page - STMicroelectronics STPSC20G065 Datasheet HTML 6Page - STMicroelectronics STPSC20G065 Datasheet HTML 7Page - STMicroelectronics STPSC20G065 Datasheet HTML 8Page - STMicroelectronics STPSC20G065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
No reverse recovery charge in application current range
•
Switching behavior independent of temperature
•
High forward surge current capability
•
Operating Tj from -55 °C to 175 °C
•
ECOPACK2 compliant component
Applications
•
Solar inverter
•
Air conditioning outdoor unit
•
UPS power supply
•
Telecom / Server power equipment
•
EV Charging station
Description
The SiC diode STPSC20G065, available in DO-247 LL with long leads, is an
ultrahigh performance power Schottky rectifier. It is manufactured using a silicon
carbide substrate. The wide band-gap material allows the design of a low VF
Schottky diode structure with a 650 V rating. Due to the Schottky construction, no
recovery is shown at turn-off and ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of temperature.
Based on latest technology optimization, this diode has an improved forward surge
current capability, making it ideal for use in PFC, where this ST SiC diode boosts the
performance in hard switching conditions. Using the latest design improvement of the
“G” series of ST SiC diodes, as well as implemented tests in production, this diode is
becoming the reference point in the combination of efficiency and application
robustness to the application design.
A
K
DO-247 LL
A
K
K
Product label
Product status link
STPSC20G065
Product summary
IF(AV)
20 A
VRRM
650 V
Tj (max.)
175 °C
VF (typ.)
1.30 V
650 V, 20 A high surge silicon carbide power Schottky diode
STPSC20G065
Datasheet
DS14849 - Rev 3 - September 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPSC20G065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC20G065-Y STMICROELECTRONICS-STPSC20G065-Y Datasheet
777Kb / 12P
Automotive 650 V, 20 A high surge silicon carbide power Schottky diode
17-Sep-2025
STPSC20G065DY STMICROELECTRONICS-STPSC20G065DY Datasheet
777Kb / 12P
Automotive 650 V, 20 A high surge silicon carbide power Schottky diode
17-Sep-2025
STPSC20G065WLY STMICROELECTRONICS-STPSC20G065WLY Datasheet
777Kb / 12P
Automotive 650 V, 20 A high surge silicon carbide power Schottky diode
17-Sep-2025
More results

Similar Description - STPSC20G065

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FFSD2065B ONSEMI-FFSD2065B Datasheet
479Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
January, 2020 ??Rev. 2
FFSP2065A ONSEMI-FFSP2065A Datasheet
294Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
January, 2020 ??Rev. 2
FFSH2065BDN-F085 ONSEMI-FFSH2065BDN-F085 Datasheet
321Kb / 6P
Silicon Carbide Schottky Diode, 650 V, 20 A
February, 2019 ??Rev. 4
logo
Littelfuse
LSIC2SD065D20A LITTELFUSE-LSIC2SD065D20A Datasheet
416Kb / 7P
Silicon Carbide Schottky Diode 650 V, 20 A SiC Schottky Barrier Diode
Revised: 2/1/2021
logo
STMicroelectronics
STPSC20H065CWLY STMICROELECTRONICS-STPSC20H065CWLY Datasheet
255Kb / 10P
Automotive 20 A 650 V power Schottky silicon carbide diode
13-Apr-2021
STPSC10H065G2 STMICROELECTRONICS-STPSC10H065G2 Datasheet
382Kb / 11P
650 V, 10 A high surge silicon carbide power Schottky diode
23-Mar-2021
STPSC2H065 STMICROELECTRONICS-STPSC2H065 Datasheet
236Kb / 10P
650 V, 2 A high surge silicon carbide power Schottky diode
25-Apr-2019
logo
ON Semiconductor
FFSB2065B-F085 ONSEMI-FFSB2065B-F085_V01 Datasheet
326Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
March, 2022 - Rev. 3
FFSD2065B ONSEMI-FFSD2065B_V01 Datasheet
416Kb / 6P
Silicon Carbide Schottky Diode 650 V, 20 A
October, 2020 - Rev. 3
logo
WOLFSPEED, INC.
C6D20065H WOLFSPEED-C6D20065H Datasheet
952Kb / 8P
6th Generation 650 V, 20 A Silicon Carbide Schottky Diode
Rev. 0, April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com