Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS7A49 Datasheet (PDF) - Texas Instruments

TPS7A49 Datasheet PDF - Texas Instruments
Part # TPS7A49
Download  TPS7A49 Download
File Size   1779.04 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator

TPS7A49 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPS7A49 Datasheet PDF - Texas Instruments

Part # TPS7A49
Download  TPS7A49 Click to download

File Size   1779.04 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator

TPS7A49 Datasheet (HTML) - Texas Instruments


TPS7A49 Product details

1 Features
1• Input Voltage Range: 3 V to 36 V
• Noise:
– 12.7 μVRMS (20 Hz to 20 kHz)
– 15.4 μVRMS (10 Hz to 100 kHz)
• Power-Supply Ripple Rejection:
– 72 dB (120 Hz) power–
≥ 52 dB (10 Hz to 400 kHz)
• Adjustable Output: 1.194 V to 33 V
• Output Current: 150 mA
• Dropout Voltage: 260 mV at 100 mA
• Stable with Ceramic Capacitors ≥ 2.2 μF high•
CMOS Logic-Level-Compatible Enable Pin
• Fixed Current-Limit and Thermal Shutdown
Protection
• Packages: 8-Pin HVSSOP PowerPAD™ and
3-mm × 3-mm VSON
• Operating Temperature Range:
–40°C to 125°C

2 Applications
• Supply Rails for Op Amps, DACs, ADCs, and
Other High-Precision Analog Circuitry
• Audio
• Post DC-DC Converter Regulation and
Ripple Filtering ultralow•
Test and Measurement
• Rx, Tx, and PA Circuitry
• Industrial Instrumentation
• Base Stations and Telecom Infrastructure

3 Description
The TPS7A49 series of devices are positive, high-
voltage (36 V), ultralow-noise (15.4 μVRMS, 72-dB PSRR) linear regulators that can source a 150-mA
load.
These linear regulators include a CMOS logic-level-
compatible enable pin and capacitor-programmable
soft-start function that allows for customized power–
management schemes. Other available features include built-in current limit and thermal shutdown
protection to safeguard the device and system during
fault conditions.
The TPS7A49 family is designed using bipolar
technology, and is ideal for high-accuracy, high•
precision instrumentation applications where clean voltage rails are critical to maximize system
performance. This design makes the device an
excellent choice to power operational amplifiers,
analog-to-digital converters (ADCs), digital-to-analog
converters (DACs), and other high-performance
analog circuitry.
In addition, the TPS7A49 family of linear regulators is
suitable for post dc-dc converter regulation. By
filtering out the output voltage ripple inherent to dc-dc
switching conversion, maximum system performance
is provided in sensitive instrumentation, test and
measurement, audio, and RF applications.
For applications where positive and negative high-
performance rails are required, consider TI’s
TPS7A30xx family of negative high-voltage, ultralow•
noise linear regulators as well.




Similar Part No. - TPS7A49

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A49 TI-TPS7A49 Datasheet
755Kb / 23P
36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A49 TI-TPS7A49 Datasheet
1Mb / 34P
TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
TPS7A4901 TI1-TPS7A4901 Datasheet
843Kb / 23P
36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI-TPS7A4901DGNR Datasheet
755Kb / 23P
36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
TPS7A4901DGNR TI1-TPS7A4901DGNR Datasheet
843Kb / 23P
36V, 150mA, Ultralow-Noise, Positive LINEAR REGULATOR
More results


Similar Description - TPS7A49

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP150 AD-ADP150 Datasheet
620Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. 0
ADP151 AD-ADP151 Datasheet
540Kb / 24P
Ultralow Noise,200 mA, CMOS Linear Regulator
REV. 0
ADP160 AD-ADP160 Datasheet
513Kb / 20P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulator
REV. 0
ADP150_VA AD-ADP150_VA Datasheet
580Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. A
ADP151_VD AD-ADP151_VD Datasheet
574Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
REV. D
ADM7160 AD-ADM7160 Datasheet
844Kb / 24P
Ultralow Noise, 200 mA Linear Regulator
REV. 0
ADP150 AD-ADP150_13 Datasheet
603Kb / 20P
Ultralow Noise, 150 mA CMOS Linear Regulator
REV. B
ADP151CB-3.3-EVALZ AD-ADP151CB-3.3-EVALZ Datasheet
561Kb / 24P
Ultralow Noise, 200 mA, CMOS Linear Regulator
Rev. E
logo
Texas Instruments
TPS7A49 TI-TPS7A49_15 Datasheet
1Mb / 34P
TPS7A49 36-V, 150-mA, Ultralow-Noise, Positive Linear Regulator
LP5907 TI1-LP5907_16 Datasheet
1Mb / 36P
Ultralow-Noise, 250-mA Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com