Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF40192 Datasheet (PDF) - STMicroelectronics

HCF40192 Datasheet PDF - STMicroelectronics
Part # HCF40192
Download  HCF40192 Download
File Size   314.95 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE

HCF40192 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCF40192 Datasheet PDF - STMicroelectronics

Part # HCF40192
Download  HCF40192 Click to download

File Size   314.95 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) 40192B BCD TYPE 40193B BINARY TYPE

HCF40192 Datasheet (HTML) - STMicroelectronics


HCF40192 Product details

DESCRIPTION
The HCC40192B, HCC40193B, (extended temperature range) and the HCF40192B, HCF40193B (intermediate temperature range) are monolithic in tegrated circuits, available in 16-lead dual in-line plastic or ceramic package and platic micro package. The HCC/HCF40192B Presettable BCD Up/Down Counter and the HCC/HCF40193B Presettable Binary Up/Down Counter each consist of 4 synchronously clocked, gated ”D” type flip-flops ted as a counter.

■ INDIVIDUAL CLOCK LINES FOR COUNTING UP OR COUNTING DOWN
■ SYNCHRONOUS HIGH-SPEED CARRY AND    BORROW PROPAGATION DELAYS FOR CASCADING
■ ASYNCHRONOUS RESET AND PRESET CAPABILITY
■ MEDIUM-SPEED OPERATION - fCL = 8MHz (typ.) @ 10V
■ STANDARDIZED SYMMETRICAL OUTPUT CHARACTERISTICS
■ 5V, 10V, AND 15V PARAMETRIC RATINGS
■ INPUT CURRENT OF 100nA AT 18V AND 25°C FOR HCC DEVICE
■ 100% TESTED FOR QUIESCENT CURRENT
■ MEETS ALL REQUIREMENTS OF JEDECTENTATIVE STANDARDN°13A,
   ”STANDARD SPECIFICATIONS FOR DESCRIPTION OF ”B” SERIES CMOS DEVICES”




Similar Part No. - HCF40192

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4019 STMICROELECTRONICS-HCF4019 Datasheet
281Kb / 13P
QUAD AND/OR SELECT GATE
Jun-1989
HCF40193 STMICROELECTRONICS-HCF40193 Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
HCF40193B STMICROELECTRONICS-HCF40193B Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
HCF40193BEY STMICROELECTRONICS-HCF40193BEY Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
HCF40193BM1 STMICROELECTRONICS-HCF40193BM1 Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
More results


Similar Description - HCF40192

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS190 MOTOROLA-SN54LS190 Datasheet
310Kb / 10P
PRESETTABLE BCD/DECADE UP/DOWN COUNTERS PRESETTABLE 4-BIT BINARY UP/DOWN COUNTERS
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
Sep-1988
logo
Intersil Corporation
CD40192BMS INTERSIL-CD40192BMS Datasheet
149Kb / 12P
CMOS Presettable Up/Down Counters (Dual Clock With Reset)
December 1992
logo
STMicroelectronics
HCF40193 STMICROELECTRONICS-HCF40193 Datasheet
898Kb / 12P
PRESETTABLE UP/DOWN COUNTERS (DUAL CLOCK WITH RESET) BINARY TYPE
Sep-2002
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
Sep-2002
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
Texas Instruments
CD40192B TI-CD40192B Datasheet
516Kb / 11P
CMOS PRESETTABLE UP/DOWN COUNTERS(DUAL CLOCK WITH RESET)
logo
Renesas Technology Corp
CD40192BMS RENESAS-CD40192BMS Datasheet
462Kb / 12P
CMOS Presettable Up/Down Counters(Dual Clock With Reset)
December 1992
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com